Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPM10054T-R68M-HZR Datasheet(PDF) 3 Page - TDK Electronics

Part # SPM10054T-R68M-HZR
Description  Inductors for power circuits Wound metal SPM-HZR series(for automotive)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SPM10054T-R68M-HZR Datasheet(HTML) 3 Page - TDK Electronics

  SPM10054T-R68M-HZR Datasheet HTML 1Page - TDK Electronics SPM10054T-R68M-HZR Datasheet HTML 2Page - TDK Electronics SPM10054T-R68M-HZR Datasheet HTML 3Page - TDK Electronics SPM10054T-R68M-HZR Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
(3/4)
inductor_automotive_power_spm10054-hzr_en.xml
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20221201
INDUCTORS
SPM10054-HZR type
■ SHAPE & DIMENSIONS
■ RECOMMENDED LAND PATTERN
■ RECOMMENDED REFLOW PROFILE
■ PACKAGING STYLE
□ REEL DIMENSIONS
□ TAPE DIMENSIONS
□ PACKAGE QUANTITY
■ TEMPERATURE RANGE, INDIVIDUAL WEIGHT
* Operating temperature range includes self-temperature rise.
** The storage temperature range is for after the assembly.
10.7±0.5
1R0
(2.0)(2.0)
(6.7)
3.8
6.1
3.8
Natural
cooling
10s max.
120s
Preheating
30s
Soldering
230°C
230°C
260°C
180°C
150°C
Time
Peak
Type
A
B
K
SPM10054-HZR
10.5
11.5
5.6
Package quantity
500 pcs/reel
Operating
temperature range *
Storage
temperature range **
Individual
weight
-40 to +125 °C
-40 to +125 °C
2.99 g
ø13.0±0.2
2.2
ø330
Dimensions in mm
2.3±0.1
24.5±0.2
0.5
K
4.0±0.1
2.0±0.1
16.0±0.1
A
1.5
+0.1
–0
Dimensions in mm
Sprocket
hole
Cavity



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com