Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPM10054T-R68M-HZR Datasheet(PDF) 1 Page - TDK Electronics

Part # SPM10054T-R68M-HZR
Description  Inductors for power circuits Wound metal SPM-HZR series(for automotive)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SPM10054T-R68M-HZR Datasheet(HTML) 1 Page - TDK Electronics

  SPM10054T-R68M-HZR Datasheet HTML 1Page - TDK Electronics SPM10054T-R68M-HZR Datasheet HTML 2Page - TDK Electronics SPM10054T-R68M-HZR Datasheet HTML 3Page - TDK Electronics SPM10054T-R68M-HZR Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
(1/4)
inductor_automotive_power_spm10054-hzr_en.xml
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20221201
INDUCTORS
Inductors for power circuits
Wound metal
SPM-HZR series(for automotive)
SPM10054-HZR type
■ FEATURES
◯ Magnetic shield type wound inductor for power circuits using a metallic magnetic material.
◯ Compared to ferrite wound type inductors, it is possible to achieve large current, low Rdc, and compactness.
◯ Low inductance variance in high-temperature environments with good DC superimposition characteristics. -40 to 125°C (including
self-temperature rise)
◯ Metallic magnetic material is used, and the structure has an integrated molded coil, so hum noise is lower than with ferrite core
adhesive coils.
◯ Operating temperature range: -40 to +125 °C (including self-temperature rise)
◯ Compliant with AEC-Q200
■ APPLICATION
◯ Automotive-related equipment (Car navigation, car audio)
■ PART NUMBER CONSTRUCTION
■ CHARACTERISTICS SPECIFICATION TABLE
* Rated current: smaller value of either Isat or Itemp.
Isat: When based on the inductance change rate (20% below the initial value)
Itemp: When based on the temperature increase (temperature increase of 40°C by self heating)
□ Measurement equipment
* Equivalent measurement equipment may be used.
SPM
10054
T
-
R47
M
-
HZR
Series name
L×W×H dimensions
10.7×10.0×5.4 mm
Packaging
style
Inductance
(µH)
Inductance
tolerance
Internal code
L
Measuring
frequency
DC resistance
Rated current*
Part No.
Isat
Itemp
(μH)
Tolerance
(kHz)
(mΩ)max.
(mΩ)typ.
(A)typ.
(A)typ.
0.47
±20%
100
1.62
1.47
48.1
28.4
SPM10054T-R47M-HZR
0.68
±20%
100
2.09
1.90
40.8
24.0
SPM10054T-R68M-HZR
1.0
±20%
100
2.64
2.40
21.1
22.2
SPM10054T-1R0M-HZR
1.5
±20%
100
5.39
4.90
14.8
15.6
SPM10054T-1R5M-HZR
2.5
±20%
100
7.48
6.80
13.9
13.2
SPM10054T-2R5M-HZR
3.3
±20%
100
8.53
7.75
10.9
13.2
SPM10054T-3R3M-HZR
4.7
±20%
100
14.0
12.7
12.2
9.5
SPM10054T-4R7M-HZR
6.8
±20%
100
17.9
16.2
6.6
8.8
SPM10054T-6R8M-HZR
10.0
±20%
100
24.4
22.1
6.3
7.4
SPM10054T-100M-HZR
15.0
±20%
100
38.2
34.7
5.1
5.7
SPM10054T-150M-HZR
22.0
±20%
100
57.0
51.8
5.0
4.5
SPM10054T-220M-HZR
33.0
±20%
100
82.2
74.7
3.9
3.9
SPM10054T-330M-HZR
47.0
±20%
100
121.2
110.1
3.7
3.1
SPM10054T-470M-HZR
68.0
±20%
100
163.0
148.1
3.2
2.7
SPM10054T-680M-HZR
Measurement item
Product No.
Manufacturer
L
4284A
Keysight Technologies
DC resistance
AX-111A
ADEX
Rated current Isat
4284A+42841A+42842C
Keysight Technologies


Similar Part No. - SPM10054T-R68M-HZR

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM10054T-R68M-HZ TDK-SPM10054T-R68M-HZ Datasheet
262Kb / 3P
SMD / SMT Inductors (Coils)
More results

Similar Description - SPM10054T-R68M-HZR

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM4020T-100M-LR TDK-SPM4020T-100M-LR Datasheet
142Kb / 9P
Inductors for Power Circuits Wound Metal
logo
Panasonic Semiconductor
BCL322515RT-D PANASONIC-BCL322515RT-D Datasheet
179Kb / 4P
Inductors for power circuits Wound metal BCL series (for automotive)
20211117
BCL322520RT-D PANASONIC-BCL322520RT-D Datasheet
533Kb / 4P
Inductors for power circuits Wound metal BCL series (for automotive)
logo
TDK Electronics
SPM4020-DZ TDK-SPM4020-DZ Datasheet
171Kb / 4P
Inductors for power circuits Wound metal SPM-DZ series (for automobiles)
20220515
SPM5030-HZ TDK-SPM5030-HZ Datasheet
201Kb / 4P
Inductors for power circuits Wound metal SPM-HZ series (for automotive)
20210423
SPM12565CT TDK-SPM12565CT Datasheet
573Kb / 5P
Inductors for power circuits Wound metal SPM series
20220628
SPM12565VT-D TDK-SPM12565VT-D Datasheet
180Kb / 4P
Inductors for power circuits Wound metal SPM-VT-D series (for automotive)
20221024
SPM5030VT-D TDK-SPM5030VT-D Datasheet
336Kb / 4P
Inductors for power circuits Wound metal SPM-VT-D series (for automotive)
20210705
SPM6545VT-D TDK-SPM6545VT-D Datasheet
176Kb / 4P
Inductors for power circuits Wound metal SPM-VT-D series (for automotive)
20190912
SPM7054VC-D TDK-SPM7054VC-D Datasheet
180Kb / 4P
Inductors for power circuits Wound metal SPM-VC-D series (for automobiles)
20221003
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com