Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC7014 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC7014
Description  Hex non-inverting precision Schmitt-trigger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC7014 Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC7014 Datasheet HTML 1Page - NXP Semiconductors 74HC7014 Datasheet HTML 2Page - NXP Semiconductors 74HC7014 Datasheet HTML 3Page - NXP Semiconductors 74HC7014 Datasheet HTML 4Page - NXP Semiconductors 74HC7014 Datasheet HTML 5Page - NXP Semiconductors 74HC7014 Datasheet HTML 6Page - NXP Semiconductors 74HC7014 Datasheet HTML 7Page - NXP Semiconductors 74HC7014 Datasheet HTML 8Page - NXP Semiconductors 74HC7014 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1998 Jul 08
4
Philips Semiconductors
Product specification
Hex non-inverting precision Schmitt-trigger
74HC7014
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
Category: SSI
TRANSFER CHARACTERISTICS FOR 74HC
Voltages are referenced to GND (ground = 0 V)
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
+25
−40 to +85
−40 to +125
VCC
(V)
VI
(V)
OTHER
MIN. TYP. MAX. MIN.
MAX.
MIN.
MAX.
VT+
positive-going
threshold
−
−
−
−
−
1.86
2.94
3.10
3.25
3.72
1.95
3.08
3.25
3.41
3.90
−
−
−
−
−
1.95
3.08
3.25
3.41
3.90
−
−
−
−
−
1.95
3.08
3.25
3.41
3.90
V
3.00
4.75
5.00
5.25
6.00
Figs.6 and 7
VT−
negative-going
threshold
1.65
2.62
2.75
2.89
3.30
1.74
2.76
2.90
3.05
3.48
−
−
−
−
−
1.65
2.62
2.75
2.89
3.30
−
−
−
−
−
1.65
2.62
2.75
2.89
3.30
−
−
−
−
−
V
3.00
4.75
5.00
5.25
6.00
Figs.6 and 7
VH
hysteresis
(VT+ − VT−)
50
100
120
130
160
120
180
200
210
240
−
−
−
−
−
50
100
120
130
160
−
−
−
−
−
50
100
120
130
160
−
−
−
−
−
mV
3.00
4.75
5.00
5.25
6.00
Figs.6 and 7
±II
input leakage
current
−−
0.1
−
1.0
−
1.0
µA
6.0
VCC
or
GND
−−
0.5
−
5.0
−
5.0
µA
3.0
to
6.0
16 V
or
GND
ICC
DC supply
current
−
−
−
0.7
3.0
3.7
1.4
6.0
7.4
−
−
−
1.8
7.5
10.0
−
−
−
2.1
7.5
13.0
mA
3.00
5.25
6.00



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com