Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC7014 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC7014
Description  Hex non-inverting precision Schmitt-trigger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC7014 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC7014 Datasheet HTML 1Page - NXP Semiconductors 74HC7014 Datasheet HTML 2Page - NXP Semiconductors 74HC7014 Datasheet HTML 3Page - NXP Semiconductors 74HC7014 Datasheet HTML 4Page - NXP Semiconductors 74HC7014 Datasheet HTML 5Page - NXP Semiconductors 74HC7014 Datasheet HTML 6Page - NXP Semiconductors 74HC7014 Datasheet HTML 7Page - NXP Semiconductors 74HC7014 Datasheet HTML 8Page - NXP Semiconductors 74HC7014 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1998 Jul 08
2
Philips Semiconductors
Product specification
Hex non-inverting precision Schmitt-trigger
74HC7014
FEATURES
• Operating voltage 3 to 6 V
• Output capability: standard
• category: SSI
APPLICATIONS
• Wave and pulse shapers for highly
noisy environments
DESCRIPTION
The 74HC7014 is a high-speed
Si-gate CMOS device. It is specified
in compliance with JEDEC standard
no. 7A.
The 74HC7014 provides six precision
Schmitt-triggers with non-inverting
buffers. It is capable of transforming
slowly changing input signals into
sharply defined, jitter-free output
signals. The precisely defined trigger
levels are lying in a window between
0.55
× V
CC and 0.65 × VCC. This
makes the circuit suitable to operate
in a highly noisy environment. Input
shorts are allowed to
−1.5 V and 16 V
without disturbing other channels.
FUNCTION TABLE
Note
1. H = HIGH voltage level
L = LOW voltage level
INPUT
OUTPUT
nA
nY
LL
HH
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25 °C; tr = tf = 6 ns
Notes to the quick reference data
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD = CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz.
fo = output frequency in MHz.
CL = output load capacitance in pF.
VCC = supply voltage in V.
∑ (CL × VCC2 × fo) = sum of outputs.
2. For HC the condition is VI = GND to VCC.
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
VT+
positive going
threshold
CL = 50 pF; VCC = 5 V 3.1
V
VT−
negative going
threshold
2.9
V
CI
input capacitance
3.5
pF
CPD
power dissipation
capacitance per
gate
notes 1 and 2
9
pF
ICC
DC supply current
3.0
mA
TYPE NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
74HC7014N
14
DIP
plastic
SOT27-1
74HC7014D
14
SO
plastic
SOT108-1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com