Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC7014 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC7014
Description  Hex non-inverting precision Schmitt-trigger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC7014 Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC7014 Datasheet HTML 1Page - NXP Semiconductors 74HC7014 Datasheet HTML 2Page - NXP Semiconductors 74HC7014 Datasheet HTML 3Page - NXP Semiconductors 74HC7014 Datasheet HTML 4Page - NXP Semiconductors 74HC7014 Datasheet HTML 5Page - NXP Semiconductors 74HC7014 Datasheet HTML 6Page - NXP Semiconductors 74HC7014 Datasheet HTML 7Page - NXP Semiconductors 74HC7014 Datasheet HTML 8Page - NXP Semiconductors 74HC7014 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1998 Jul 08
3
Philips Semiconductors
Product specification
Hex non-inverting precision Schmitt-trigger
74HC7014
PINNING
PIN NO.
SYMBOL
NAME AND FUNCTION
1, 3, 5, 9, 11, 13
1A to 6A
data inputs
2, 4, 6, 8, 10, 12
1Y to 6Y
data outputs
7
GND
ground (0 V)
14
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.
Fig.4 Functional diagram.
Fig.5
Logic diagram
(one Schmitt-trigger).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com