Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDMB Datasheet(PDF) 1 Page - C&K Components

Part # MDMB
Description  Microminiature connectors with removable crimp contacts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

MDMB Datasheet(HTML) 1 Page - C&K Components

  MDMB Datasheet HTML 1Page - C&K Components MDMB Datasheet HTML 2Page - C&K Components MDMB Datasheet HTML 3Page - C&K Components MDMB Datasheet HTML 4Page - C&K Components MDMB Datasheet HTML 5Page - C&K Components MDMB Datasheet HTML 6Page - C&K Components MDMB Datasheet HTML 7Page - C&K Components MDMB Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
MDMB SERIES
Microminiature connectors
with removable crimp contacts
CS FR048
Features and Benefits
• High performance Micropin™ contact system
(“twist pin” spring male contact and tubular socket contact)
• Removable crimp type contacts
• Harnesses length flexibility
• Non-Outgassing
• Low Size Connectors
• Low Weight
Typical Applications
• Space equipment (engineering model)
• Satellites harnesses and payloads
• Avionics / Military
• Automotive / Medical / Industrial applications
Specification
Quality Level
• “Commercial Space Grade”:
C&K Connector Specification CS FR048, for low cost products
manufactured:
• In the same ESA qualified site.
• Through the same piece parts.
• With lighter controls, documentation and traceability.
• The connectors are totally compatible, interchangeable and
intermateable with ESA quality level connectors ESCC 3401/029
(MDM connectors), 3401/041 (connector Savers), 3401/032
(accessories), 3401/077 (MDMA connectors), 3401/078 (contacts)
and 3401/087 (backshells).
Process Contact and Cable Insertion
• Wire stripping.
• Cables crimping onto contacts with standard MDMA Crimping tool
M22520/2-01 and dedicated locators (to be ordered separately).
• Wires cable installed by the end user.
Test Retention
• A dedicated tool is available to make the retention test of each
contacts in the connectors.
Process Contact and Cable Extraction
• A dedicated tool is available to remove the contacts from the
connectors.
Options
• Optional interfacial seal can be applied for female connectors (to be
ordered separately).
• Optional captive nuts or float mounting.
Packaging
• Individual packaging.
• Contact extraction tool has to be ordered separately.
CHARACTERISTIC
SPECIFICATION
Working Voltage (sea level)
150 Vrms
Rated Current AWG 24
3.5 A
Rated Current AWG 25
2.5 A
Rated Current AWG 26
2.5 A
Rated Current AWG 28
1.5 A
Contact Resistance
5 mΩ (rated current)
Insulation Resistance
5000 MΩ min
Voltage Proof
600 Vrms /2.0mA (leakage current)
Temperature range
-55/+125 °C
Contact Retention Force
22.25 N max
TYPE
MATING/UNMATING
FORCE (N MAX)
UNMATING
FORCE (N MIN)
WEIGHT
(G)
Size 9
20
1.3
2.3
Size 15
33
2.0
3.1
Size 21
47
2.9
3.9
Size 25
55
3.5
4.4
Size 31
69
4.3
5.2
Size 37
82
5.1
6.0
Size 51
147
7.1
7.3
www.ckswitches.com
• High performance Micro-miniature connectors meet stringent tests
for outgassing and residual magnetism and are suitable for use in Space
Engineering Model, Avionics, Military, Medical and Industrial
applications.
• Suitable for Board to Board, Board to Cable or Cable to Cable
applications.
• Removable contacts (Twist Pin contact technology).
• Sizes available: 9, 15, 21, 25, 31, 37 and 51 ways.
• Connector 9, 15, 21, 25, 31 and 37 ways, accepted wires size:
• 1 insulated wire AWG24, AWG26 and AWG28 (external
diameter at 0.97mm max).
• 1 uninsulated solid wire AWG25.
• 2 insulated wires AWG28 (external diameter at 0.82mm max).
• Connector 51 ways, accepted wires size:
• 1 insulated wire AWG24, AWG26 and AWG28 (external
diameter at 0.97mm max).
• 1 uninsulated solid wire AWG25.
• Distance between 2 adjacent contacts: 1.27mm (.050 inch).
• Distance between 2 contacts rows: 1.09mm (.043 inch).
Electrical & Mechanical Characteristics


Similar Part No. - MDMB

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM ITT-MDM Datasheet
321Kb / 8P
Micro-D Metal Shell - .050 Contact Spacing
logo
Vishay Siliconix
MDM VISHAY-MDM Datasheet
134Kb / 5P
Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
08-Jul-08
logo
C&K Components
MDM CK-COMPONENTS-MDM Datasheet
261Kb / 2P
3401-041 MDM Connector Savers
logo
ITT Industries
MDM-100PBS ITT-MDM-100PBS Datasheet
825Kb / 17P
The Micro Line - .050 Contact Spacing
MDM-100PCBR ITT-MDM-100PCBR Datasheet
825Kb / 17P
The Micro Line - .050 Contact Spacing
More results

Similar Description - MDMB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-381RM15-35PC GLENAIR-240-381RM15-35PC Datasheet
362Kb / 2P
Wall Mount Receptacle with Crimp Removable Contacts
240-383RM15-35P GLENAIR-240-383RM15-35P Datasheet
422Kb / 2P
Wall Mount Receptacle with Crimp Removable Contacts
240-383SM15-35P GLENAIR-240-383SM15-35P Datasheet
357Kb / 2P
Jam Nut Receptacle with Crimp Removable Contacts
240-381R GLENAIR-240-381R Datasheet
98Kb / 2P
Wall Mount Receptacle with Crimp Removable Contacts
240-383Q GLENAIR-240-383Q Datasheet
118Kb / 2P
Plug with Crimp Removable Contacts
240-383R GLENAIR-240-383R Datasheet
135Kb / 2P
Wall Mount Receptacle with Crimp Removable Contacts
240-383S GLENAIR-240-383S Datasheet
120Kb / 2P
Jam Nut Receptacle with Crimp Removable Contacts
240-384R GLENAIR-240-384R Datasheet
104Kb / 2P
Wall Mount Receptacle with Crimp Removable Contacts
240-384S GLENAIR-240-384S Datasheet
106Kb / 2P
Jam Nut Receptacle with Crimp Removable Contacts
logo
C&K Components
MDMA CK-COMPONENTS-MDMA Datasheet
3Mb / 8P
Microminiature connectors with removable crimp contacts
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com