Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDMB Datasheet(PDF) 2 Page - C&K Components

Part # MDMB
Description  Microminiature connectors with removable crimp contacts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

MDMB Datasheet(HTML) 2 Page - C&K Components

  MDMB Datasheet HTML 1Page - C&K Components MDMB Datasheet HTML 2Page - C&K Components MDMB Datasheet HTML 3Page - C&K Components MDMB Datasheet HTML 4Page - C&K Components MDMB Datasheet HTML 5Page - C&K Components MDMB Datasheet HTML 6Page - C&K Components MDMB Datasheet HTML 7Page - C&K Components MDMB Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
HOW TO ORDER
MATERIALS & FINISHES
CONNECTOR
Our easy build-a-connector concept allows you to mix and match options to create the MDMB you need. To order, select desired
option from each category and place it in the appropriate box.
Dimensions shown in: mm
Specifications and dimensions subject to change
www.ckswitches.com
Pin connection with Nickel Plating
Pin connection with Gold Plating
C&K Specification:
COMPONENT
MATERIAL
FINISH
Shell
Aluminium alloy
A174: 25.4 µm electroless Nickel over Copper underlay
FR172: 0.7 µm Gold over 25.4 µm electroless Nickel
Insulator
Liquid Crystal Polymer
UL 94-V0, Glass-filled, Black Color
Female Contacts
Copper Alloy
1.27 µm Gold over Copper underlay
Male Contacts
Copper Alloy
1.27 µm Gold over Copper underlay
Accessories (E & Y)
Stainless Steel
303 type, passivated
Interfacial Seals
Fluorosilicone elastomer
Pink color
Dust Cap
Polyethylene
Black color, antistatic.
M D M B
Y
– 25 S – A174 – FO
Fixing Option
Blank: Standard (no hardware)
E Captive nut
Y Float mount
Shell Finish
A174 25.4 µm Ni
FR172 0.7 µm Au over 25.4 µm Ni
MDMB Series
Contacts Information
FO Connector without contacts
(Contacts must be ordered separately)
Shell Size
9
15
21
25
31
37
51
Type of Contact
P Pin (Male)
S Socket (Female)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com