Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDMB Datasheet(PDF) 4 Page - C&K Components

Part # MDMB
Description  Microminiature connectors with removable crimp contacts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

MDMB Datasheet(HTML) 4 Page - C&K Components

  MDMB Datasheet HTML 1Page - C&K Components MDMB Datasheet HTML 2Page - C&K Components MDMB Datasheet HTML 3Page - C&K Components MDMB Datasheet HTML 4Page - C&K Components MDMB Datasheet HTML 5Page - C&K Components MDMB Datasheet HTML 6Page - C&K Components MDMB Datasheet HTML 7Page - C&K Components MDMB Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
CONTACT PIN – MDMB-CTPIN02 (WIRE SIZE AWG 24, 25, 26, 28 OR 2X28)
CONTACT SOCKET – MDMB-CTSKT02 (WIRE SIZE AWG 24, 25, 26, 28 OR 2X28)
Dimensions shown in: mm
Specifications and dimensions subject to change
www.ckswitches.com
C&K Part Number:
C331-8754-000D
C&K Description:
MDMB-CTPINP02
COMPONENT
MATERIAL
FINISH
Sleeve
Copper alloyed
1.27 µm min. Gold over Copper underlay
Bundle
Cupro-Beryllium
1.27 µm min. Gold over Copper underlay
C&K Part Number:
C252-8844-000D
C&K Description:
MDMB-CTSKT02
COMPONENT
MATERIAL
FINISH
Sleeve
Copper alloyed
1.27 µm min. Gold over Copper underlay
Nota:
Other products available:
- Male Contact MDMB-CTPIN01, compatible with wire size AWG 25, 26 or 28.
- Female Contact MDMB-CTSKT01, compatible with wire size AWG 25, 26, 28.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com