Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5800 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SC5800
Description  NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5800 Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SC5800 Datasheet HTML 1Page - Renesas Technology Corp 2SC5800 Datasheet HTML 2Page - Renesas Technology Corp 2SC5800 Datasheet HTML 3Page - Renesas Technology Corp 2SC5800 Datasheet HTML 4Page - Renesas Technology Corp 2SC5800 Datasheet HTML 5Page - Renesas Technology Corp 2SC5800 Datasheet HTML 6Page - Renesas Technology Corp 2SC5800 Datasheet HTML 7Page - Renesas Technology Corp 2SC5800 Datasheet HTML 8Page - Renesas Technology Corp 2SC5800 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
Document No. P15660EJ1V0DS00 (1st edition)
Date Published July 2001 NS CP(K)
Printed in Japan
©
2001
NPN SILICON RF TRANSISTOR
2SC5800
NPN SILICON RF TRANSISTOR FOR
HIGH-FREQUENCY LOW NOISE
FLAT-LEAD 3-PIN THIN-TYPE ULTRA SUPER MINIMOLD
FEATURES
• Low phase distortion, low voltage operation
• Ideal for OSC applications
• Flat-lead 3-pin thin-type ultra super minimold package
ORDERING INFORMATION
Part Number
Quantity
Supplying Form
2SC5800
50 pcs (Non reel)
• 8 mm wide embossed taping
2SC5800-T1
3 kpcs/reel
• Pin 3 (collector) face the perforation side of the tape
Remark To order evaluation samples, consult your NEC sales representative.
Unit sample quantity is 50 pcs.
ABSOLUTE MAXIMUM RATINGS (TA = +25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
9.0
V
Collector to Emitter Voltage
VCEO
5.5
V
Emitter to Base Voltage
VEBO
1.5
V
Collector Current
IC
100
mA
Total Power Dissipation
Ptot
Note
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C
Note Mounted on 1.08 cm
2
× 1.0 mm (t) glass epoxy PCB
Because this product uses high-frequency technology, avoid excessive static electricity, etc.


Similar Part No. - 2SC5800

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5800 RENESAS-2SC5800 Datasheet
274Kb / 8P
NPN SILICON SiGe RF TWIN TRANSISTOR
2004
2SC5800 RENESAS-2SC5800 Datasheet
259Kb / 18P
NPN SILICON RF TWIN TRANSISTOR
2002
2SC5800 RENESAS-2SC5800 Datasheet
328Kb / 19P
NPN SILICON RF TWIN TRANSISTOR
2002
2SC5800 RENESAS-2SC5800 Datasheet
206Kb / 9P
NPN SILICON RF TWIN TRANSISTOR
2003
2SC5800 RENESAS-2SC5800 Datasheet
292Kb / 13P
NPN SILICON RF TWIN TRANSISTOR
2003
More results

Similar Description - 2SC5800

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF5811LT1 MOTOROLA-MRF5811LT1 Datasheet
155Kb / 8P
LOW NOISE HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
Advanced Power Technolo...
MMBR911LT1 ADPOW-MMBR911LT1 Datasheet
148Kb / 6P
NPN SILICON LOW NOISE, HIGH-FREQUENCY TRANSISTOR
logo
NTE Electronics
NTE2662 NTE-NTE2662 Datasheet
78Kb / 2P
Silicon NPN Transistor High Frequency, Low Noise RF
logo
Renesas Technology Corp
2SC3355 RENESAS-2SC3355 Datasheet
248Kb / 10P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC2570A RENESAS-2SC2570A Datasheet
293Kb / 10P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC4226-T1-A RENESAS-2SC4226-T1-A Datasheet
149Kb / 8P
NPN Silicon RF Transistor NPN Epitaxial Silicon RF Transistor for High-Frequency Low-Noise Amplification 3-pin super Minimold
2SC5337 RENESAS-2SC5337 Datasheet
104Kb / 7P
NPN Silicon RF Transistor for High-Frequency
2SC4093 RENESAS-2SC4093 Datasheet
175Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
logo
California Eastern Labs
NE85634 CEL-NE85634 Datasheet
216Kb / 6P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
logo
Renesas Technology Corp
2SC5013 RENESAS-2SC5013_15 Datasheet
190Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com