Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM74AS533N Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74AS533N
Description  Octal D-Type Transparent Latch with TRI-STATE Outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74AS533N Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DM74AS533N Datasheet HTML 1Page - National Semiconductor (TI) DM74AS533N Datasheet HTML 2Page - National Semiconductor (TI) DM74AS533N Datasheet HTML 3Page - National Semiconductor (TI) DM74AS533N Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings
Supply Voltage
7V
Input Voltage
7V
Voltage Applied to Disabled Output
55V
Operating Free Air Temperature Range
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Typical iJA
N Package
525 CW
M Package
705 CW
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
45
5
55
V
VIH
High Level Input Voltage
2
V
VIL
Low Level Input Voltage
08
V
IOH
High Level Output Current
b
15
mA
IOL
Low Level Output Current
48
mA
tW
Width of Enable Pulse High or Low
2
ns
tSU
Data Setup Time
2
u
ns
tH
Data Hold Time
3
u
ns
TA
Free Air Operating Temperature
0
70
C
The (
u) arrow indicates the positive edge of the Clock is used for reference
Electrical Characteristics
over recommended operating free air temperature range All typical values are measured at VCC e 5V TA e 25 C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC e 45V II eb18 mA
b
12
V
VOH
High Level Output
VCC e 45V IOH e Max
24
32
V
Voltage
IOH eb2 mA VCC e 45V to 55V
VCC b 2
VOL
Low Level Output
VCC e 45V IOL e Max
035
05
V
Voltage
II
Input Current
VCC e 55V VIH e 7V
01
mA
Max Input Voltage
IIH
High Level Input Current
VCC e 55V VIH e 27V
20
m
A
IIL
Low Level Input Current
VCC e 55V VIL e 04V
b
05
mA
IO
Output Drive Current
VCC e 55V VO e 225V
b
30
b
112
mA
IOZH
Off-State Output Current
VCC e 55V VO e 27V
High Level Voltage
50
m
A
Applied
IOZL
Off-State Output Current
VCC e 55V VO e 04V
Low Level Voltage
b
50
m
A
Applied
ICC
Supply Current
VCC e 55V
Outputs High
62
100
Outputs Open
Outputs Low
64
100
mA
Outputs Disabled
71
110
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com