Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM74AS533N Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74AS533N
Description  Octal D-Type Transparent Latch with TRI-STATE Outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74AS533N Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM74AS533N Datasheet HTML 1Page - National Semiconductor (TI) DM74AS533N Datasheet HTML 2Page - National Semiconductor (TI) DM74AS533N Datasheet HTML 3Page - National Semiconductor (TI) DM74AS533N Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Switching Characteristics over recommended operating free air temperature range (Note 1)
Symbol
Parameter
Conditions
From
To
Min
Max
Units
tPLH
Propagation Delay Time
VCC e 45V to 55V
Data
Any Q
4
75
ns
Low to High Level Output
RL e 500X
tPHL
Propagation Delay Time
CL e 50 pF
Data
Any Q
47
ns
High to Low Level Output
tPLH
Propagation Delay Time
Enable
Any Q
59
ns
Low to High Level Output
tPHL
Propagation Delay Time
Enable
Any Q
45
8
ns
High to Low Level Output
tPZH
Output Enable Time
Output
Any Q
2
65
ns
to High Level Output
Control
tPZL
Output Enable Time
Output
Any Q
45
95
ns
to Low Level Output
Control
tPHZ
Output Disable Time
Output
Any Q
3
65
ns
from High Level Output
Control
tPLZ
Output Disable Time
Output
Any Q
37
ns
from Low Level Output
Control
Note 1
See Section 5 for test waveforms and output load
Logic Diagram
TLF6311 – 2
Function Table
Output
Enable
D
Output
Control
G
Q
LH
H
L
LH
L
H
LL
X
Q0
HX
X
Z
L e Low State H e High State X e Don’t Care
Z e High Impedance State
Q0 e Previous Condition of Q
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com