Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM74AS533N Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74AS533N
Description  Octal D-Type Transparent Latch with TRI-STATE Outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74AS533N Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM74AS533N Datasheet HTML 1Page - National Semiconductor (TI) DM74AS533N Datasheet HTML 2Page - National Semiconductor (TI) DM74AS533N Datasheet HTML 3Page - National Semiconductor (TI) DM74AS533N Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF6311
December 1989
DM74AS533 Octal D-Type Transparent
Latch with TRI-STATE
Outputs
General Description
These 8-bit registers feature totem-pole TRI-STATE outputs
designed specifically for driving highly-capacitive or relative-
ly low-impedance loads The high-impedance state and in-
creased high-logic-level drive provide these registers with
the capability of being connected directly to and driving the
bus lines in a bus-organized system without need for inter-
face or pull-up components They are particularly attractive
for implementing buffer registers IO ports bidirectional
bus drivers and working registers
The eight inverting latches of the AS533 are transparent D-
type latches meaning that while the enable (G) is high the Q
outputs will follow the complement of the data (D) inputs
When the enable is taken low the output will be latched at
the complement of the level of the data that was set up
A buffered output control input can be used to place the
eight outputs in either a normal logic state (high or low logic
levels) or a high-impedance state In the high-impedance
state the outputs neither load nor drive the bus lines signifi-
cantly
The output control does not affect the internal operation of
the latches That is the old data can be retained or new
data can be entered even while the outputs are off
Features
Y
Switching specifications at 50 pF
Y
Switching specifications guaranteed over full tempera-
ture and VCC range
Y
Advanced oxide-isolated
ion-implanted Schottky TTL
process
Y
TRI-STATE buffer-type outputs drive bus lines directly
Connection Diagram
Dual-In-Line Package
TLF6311 – 1
Order Number DM74AS533WM or DM74AS533N
See NS Package Number M20B or N20A
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DM74AS533N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS573 FAIRCHILD-DM74AS573 Datasheet
58Kb / 6P
Octal D-Type Transparent Latch with 3-STATE Outputs
DM74AS573N FAIRCHILD-DM74AS573N Datasheet
58Kb / 6P
Octal D-Type Transparent Latch with 3-STATE Outputs
DM74AS573WM FAIRCHILD-DM74AS573WM Datasheet
58Kb / 6P
Octal D-Type Transparent Latch with 3-STATE Outputs
DM74AS574 FAIRCHILD-DM74AS574 Datasheet
60Kb / 6P
Octal D-Type Edge-Triggered Flip-Flops with 3-STATE Outputs
DM74AS574N FAIRCHILD-DM74AS574N Datasheet
60Kb / 6P
Octal D-Type Edge-Triggered Flip-Flops with 3-STATE Outputs
More results

Similar Description - DM74AS533N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT373 NSC-54ABT373 Datasheet
357Kb / 14P
Octal Transparent Latch with TRI-STATE Outputs
54AC373 NSC-54AC373 Datasheet
166Kb / 10P
Octal Transparent Latch with TRI-STATE Outputs
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54F533DM NSC-54F533DM Datasheet
166Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54FCT373 NSC-54FCT373 Datasheet
146Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54FCT533 NSC-54FCT533 Datasheet
152Kb / 6P
Octal Transparent Latch with TRI-STATE Outputs
54FCT573 NSC-54FCT573 Datasheet
148Kb / 7P
Octal D-Type Latch with TRI-STATE Outputs
DM74LS563 NSC-DM74LS563 Datasheet
79Kb / 3P
OCTAL D-TYPE LATCH WITH TRI-STATE OUTPUTS
74ABT373 NSC-74ABT373 Datasheet
333Kb / 16P
Octal Transparent Latch with TRI-STATE Outputs
DM74ALS373 NSC-DM74ALS373 Datasheet
125Kb / 6P
Octal D-Type TRI-STATE Transparent Latch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com