Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2931 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM2931
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT FUNCTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2931 Datasheet(HTML) 1 Page - STMicroelectronics

  LM2931 Datasheet HTML 1Page - STMicroelectronics LM2931 Datasheet HTML 2Page - STMicroelectronics LM2931 Datasheet HTML 3Page - STMicroelectronics LM2931 Datasheet HTML 4Page - STMicroelectronics LM2931 Datasheet HTML 5Page - STMicroelectronics LM2931 Datasheet HTML 6Page - STMicroelectronics LM2931 Datasheet HTML 7Page - STMicroelectronics LM2931 Datasheet HTML 8Page - STMicroelectronics LM2931 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/19
March 2004
s
VERY LOW DROPOUT VOLTAGE (0.15V
TYP. AT 10mA LOAD)
s
LOW QUIESCENT CURRENT (TYP. 2.5mA,
AT 100mA LOAD)
s
OUTPUT CURRENT UP TO 100mA
s
ADJUSTABLE (FROM VOUT =2.5V ONLY
SO-8) AND FIXED (3.3V & 5V) OUTPUT
VOLTAGE VERSION
s
INTERNAL CURRENT AND THERMAL LIMIT
s
LOAD DUMP PROTECTION UP TO 60V
s
REVERSE TRANSIENT PROTECTION UP
TO -50V
s
TEMPERATURE RANGE: -40 TO 125°C
s
PACKAGE AVAILABLE: TO-92, DPAK,
TO-220, SO-8 (WITH INHIBIT CONTROL)
DESCRIPTION
The LM2931 series are very low drop regulators.
The very low drop voltage and the low quiescent
current make them particular suitable for low
noise, low power applications and in battery
powered systems. In the 8 pin configuration
(SO-8), fully compatible to the older L78L00
family, a shut down Logic Control function is
available.
This means that when the device is used as a
local regulator is possible to put a part of the board
in
stand-by
decreasing
the
total
power
consumption. Ideal for automotive application the
LM2931
is
protected
from
reverse
battery
installations or 2 battery jumps. During the
transient, such as a a load dump (60V) when the
input voltage can exceed the specified maximum
operating input voltage (26V), the regulator will
automatically shut down to protect both internal
circuit and the load.
LM2931
SERIES
VERY LOW DROP
VOLTAGE REGULATORS WITH INHIBIT FUNCTION
SCHEMATIC DIAGRAM
TO-220
SO-8
TO-92
DPAK


Similar Part No. - LM2931

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2931 NSC-LM2931 Datasheet
363Kb / 18P
Series Low Dropout Regulators
logo
ON Semiconductor
LM2931 ONSEMI-LM2931 Datasheet
308Kb / 16P
LOW DROPOUT VOLTAGE REGULATORS
1997 Rev 4
logo
List of Unclassifed Man...
LM2931 ETC-LM2931 Datasheet
87Kb / 8P
100mA Low Dropout Voltage Regulator
logo
Motorola, Inc
LM2931 MOTOROLA-LM2931 Datasheet
311Kb / 16P
Low Dropout Voltage Regulators
logo
HTC Korea TAEJIN Techno...
LM2931 HTC-LM2931 Datasheet
99Kb / 2P
0.1A LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - LM2931

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jul-1999
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
Very low drop voltage regulators with inhibit
24-May-2006
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
LM2931XX STMICROELECTRONICS-LM2931XX Datasheet
884Kb / 23P
Very low drop voltage regulators with inhibit function
10-Jul-2008
LM2931XX STMICROELECTRONICS-LM2931XX_10 Datasheet
857Kb / 21P
Very low drop voltage regulators with inhibit function
26-May-2010
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com