Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2931 Datasheet(PDF) 11 Page - STMicroelectronics

Part # LM2931
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT FUNCTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2931 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LM2931 Datasheet HTML 7Page - STMicroelectronics LM2931 Datasheet HTML 8Page - STMicroelectronics LM2931 Datasheet HTML 9Page - STMicroelectronics LM2931 Datasheet HTML 10Page - STMicroelectronics LM2931 Datasheet HTML 11Page - STMicroelectronics LM2931 Datasheet HTML 12Page - STMicroelectronics LM2931 Datasheet HTML 13Page - STMicroelectronics LM2931 Datasheet HTML 14Page - STMicroelectronics LM2931 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
LM2931 SERIES
11/19
Figure 13 : Quiescent Current vs Output Current
Figure 14 : Supply Voltage Rejection vs
Temperature
Figure 15 : Supply Voltage Rejection vs
Frequency
Figure 16 : Supply Voltage Rejection vs
Output Current
Figure 17 : StabilityvsCO
Figure 18 : Line Transient
VI =6to 20 V, RL = 500Ω,TJ =25°C, CI =0, CO = 100µF,
Rise Fall-Time = 200 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com