Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2931 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LM2931
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT FUNCTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2931 Datasheet(HTML) 2 Page - STMicroelectronics

  LM2931 Datasheet HTML 1Page - STMicroelectronics LM2931 Datasheet HTML 2Page - STMicroelectronics LM2931 Datasheet HTML 3Page - STMicroelectronics LM2931 Datasheet HTML 4Page - STMicroelectronics LM2931 Datasheet HTML 5Page - STMicroelectronics LM2931 Datasheet HTML 6Page - STMicroelectronics LM2931 Datasheet HTML 7Page - STMicroelectronics LM2931 Datasheet HTML 8Page - STMicroelectronics LM2931 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LM2931 SERIES
2/19
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
THERMAL DATA
(*) Considering 6 cm2 of copper board heat-sink
CONNECTION DIAGRAM (top view)
ORDERING CODES
(*) Available in Tape & Reel with the suffix "R" for fixed version and "-R" for adjustable version.
Symbol
Parameter
Value
Unit
VI
DC Positive Input Voltage
40
V
VI
DC Reverse Input Voltage
-15
V
VI
Transient Input Voltage (
τ < 100ms)
60
V
VI
Transient Reverse Input Voltage (
τ <100ms)
-50
V
VINH
Inhibit Input Voltage
40
V
IO
Output Current
Internally Limited
Tstg
Storage Temperature Range
-65 to 150
°C
Top
Operating Junction Temperature Range
-40 to 125
°C
Symbol
Parameter
TO-220
SO-8
DPAK
TO-92
Unit
Rthj-case Thermal Resistance Junction-case
320
8
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
50
55(*)
100
200
°C/W
TO-220
DPAK (*)
TO-92 (*)
SO-8 (*)
OUTPUT
VOLTAGE
LM2931AV33
LM2931ADT33
LM2931AZ33
LM2931AD33
3.3 V
LM2931BV33
LM2931BDT33
LM2931BZ33
LM2931BD33
3.3 V
LM2931AV50
LM2931ADT50
LM2931AZ50
LM2931AD50
5.0 V
LM2931BV50
LM2931BDT50
LM2931BZ50
LM2931BD50
5.0 V
LM2931D
2.5 to 26 V
TO-220
SO-8
DPAK
(*) = N.C. for FIXED and ADJ for ADJUSTABLE
TO-92
BOTTOM VIEW
PIN 1 = VOUT
PIN 2 = GND
PIN 3 = VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com