Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL3012 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # QL3012
Description  60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL3012 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button QL3012 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 9Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 10Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 11Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 12Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 13Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
8-33
Military Plastic pASIC 3 Family
QL3040 Clock Cells
I/O Cells
Notes:
[7] The array distributed networks consist of 72 half columns and the global distributed networks consist of
76 half columns, each driven by an independent buffer. The number of half columns used does not
affect clock buffer delay. The array clock has up to 14 loads per half column. The global clock has up
to 16 loads per half column.
[8] The following loads are used for tPXZ:
Symbol
Parameter
Propagation Delays (ns)
Loads per Half Column [7]
1
2
3
4
8
10
12
14
16
tACK
Array Clock Delay
1.2
1.2
1.3
1.3
1.5
1.6
1.7
1.8
1.9
tGCKP
Global Clock Pin Delay
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
tGCKB
Global Clock Buffer Delay
0.8
0.8
0.9
0.9
1.1
1.2
1.3
1.4
1.5
Symbol
Parameter
Propagation Delays (ns)
Fanout [5]
12
3
4
8
10
tI/O
Input Delay (bidirectional pad)
1.3
1.6
1.8
2.1
3.1
3.6
tISU
Input Register Set-Up Time
3.1
3.1
3.1
3.1
3.1
3.1
tIH
Input Register Hold Time
0.0
0.0
0.0
0.0
0.0
0.0
tlOCLK
Input Register Clock To Q
0.7
1.0
1.2
1.5
2.5
3.0
tlORST
Input Register Reset Delay
0.6
0.9
1.1
1.4
2.4
2.9
tlESU
Input Register clock Enable Set-Up Time
2.3
2.3
2.3
2.3
2.3
2.3
tlEH
Input Register Clock Enable Hold Time
0.0
0.0
0.0
0.0
0.0
0.0
Symbol
Parameter
Propagation Delays (ns)
Output Load Capacitance (pF)
30
50
75
100
150
tOUTLH
Output Delay Low to High
2.1
2.5
3.1
3.6
4.7
tOUTHL
Output Delay High to Low
2.2
2.6
3.2
3.7
4.8
tPZH
Output Delay Tri-state to High
1.2
1.7
2.2
2.8
3.9
tPZL
Output Delay Tri-state to Low
1.6
2.0
2.6
3.1
4.2
tPHZ
Output Delay High to Tri-State [8]
2.0
tPLZ
Output Delay Low to Tri-State [8]
1.2
5 pF
1K
Ω
5 pF
1K
Ω
tPHZ
tPLZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com