Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL3012 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # QL3012
Description  60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL3012 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  QL3012 Datasheet HTML 1Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 2Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 3Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 4Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 5Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
8-27
Military Plastic pASIC 3 Family
ABSOLUTE MAXIMUM RATINGS
VCC Voltage ...........................-0.5 to 4.6V
VCCIO Voltage .......................-0.5 to 7.0V
Input Voltage.............. -0.5 to VCCIO+0.5V
Latch-up Immunity
.................. ±200 mA
DC Input Current
...................... ±20 mA
ESD Pad Protection
....................±2000V
Storage Temperature .......-65
°C to +150°C
Lead Temperature ...........................300
°C
OPERATING RANGE
DC CHARACTERISTICS
Notes:
[1] Military devices have 8 mA IOL specifications.
[2] Capacitance is sample tested only. Clock pins are 12 pF maximum.
[3] Only one output at a time. Duration should not exceed 30 seconds.
[4] Maximum ICC is 5 mA for all military grade devices. For AC conditions, contact QuickLogic
customer engineering.
Symbol
Parameter
Military
Unit
Min
Max
VCC
Supply Voltage
3.0
3.6
V
VCCIO
I/O Input Tolerance Voltage
3.0
5.5
V
TA
Ambient Temperature
-55
°C
TC
Case Temperature
125
°C
-0 Speed Grade
0.42
2.03
K
Delay Factor
-1 Speed Grade
0.42
1.64
-2 Speed Grade
0.42
1.37
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input HIGH Voltage
0.5VCC VCCIO+0.5 V
VIL
Input LOW Voltage
-0.5
0.3VCC
V
VOH
Output HIGH Voltage
IOH = -12 mA
2.4
V
IOH = -500
µA
0.9VCC
V
VOL
Output LOW Voltage
IOL = 8 mA [1]
0.45
V
IOL = 1.5 mA
0.1VCC
V
II
I or I/O Input Leakage Current
VI = VCCIO or GND
-10
10
µA
IOZ
3-State Output Leakage Current
VI = VCCIO or GND
-10
10
µA
CI
Input Capacitance [2]
10
pF
IOS
Output Short Circuit Current [3]
VO = GND
-15
-180
mA
VO = VCC
40
210
mA
ICC
D.C. Supply Current [4]
VI, VIO = VCCIO or GND 0.50 (typ)
5
mA
ICCIO
D.C. Supply Current on VCCIO
0
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com