Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL3012 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # QL3012
Description  60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL3012 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button QL3012 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 9Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 10Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 11Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 12Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 13Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
34
Preliminary
8-34
Military Plastic pASIC 3 Family
QL3060
AC CHARACTERISTICS at VCC = 3.3V, TA = 25
°C (K = 1.00)
(To calculate delays, multiply the appropriate K factor in the "Operating Range" section by the following numbers.)
Logic Cells
Input-Only/Clock Cells
Notes:
[5] Stated timing for worst case Propagation Delay over process variation at VCC=3.3V and TA=25
°C.
Multiply by the appropriate Delay Factor, K, for speed grade, voltage and temperature settings as
specified in the Operating Range.
[6] These limits are derived from a representative selection of the slowest paths through the pASIC 3
logic cell including typical net delays. Worst case delay values for specific paths should be deter-
mined from timing analysis of your particular design.
QL3060
Symbol
Parameter
Propagation Delays (ns)
Fanout [5]
1234
8
tPD
Combinatorial Delay [6]
1.4
1.7
1.9
2.2
3.2
tSU
Setup Time [6]
1.7
1.7
1.7
1.7
1.7
tH
Hold Time
0.0
0.0
0.0
0.0
0.0
tCLK
Clock to Q Delay
0.7
1.0
1.2
1.5
2.5
tCWHI
Clock High Time
1.2
1.2
1.2
1.2
1.2
tCWLO
Clock Low Time
1.2
1.2
1.2
1.2
1.2
tSET
Set Delay
1.0
1.3
1.5
1.8
2.8
tRESET
Reset Delay
0.8
1.1
1.3
1.6
2.6
tSW
Set Width
1.9
1.9
1.9
1.9
1.9
tRW
Reset Width
1.8
1.8
1.8
1.8
1.8
Symbol
Parameter
Propagation Delays (ns)
Fanout [5]
12348
12
24
tIN
High Drive Input Delay
1.5
1.6
1.8
1.9
2.4
2.9
4.4
tINI
High Drive Input, Inverting Delay
1.6
1.7
1.9
2.0
2.5
3.0
4.5
tISU
Input Register Set-Up Time
3.1
3.1
3.1
3.1
3.1
3.1
3.1
tIH
Input Register Hold Time
0.0
0.0
0.0
0.0
0.0
0.0
0.0
tlCLK
Input Register Clock To Q
0.7
0.8
1.0
1.1
1.6
2.1
3.6
tlRST
Input Register Reset Delay
0.6
0.7
0.9
1.0
1.5
2.0
3.5
tlESU
Input Register clock Enable Set-Up Time
2.3
2.3
2.3
2.3
2.3
2.3
2.3
tlEH
Input Register Clock Enable Hold Time
0.0
0.0
0.0
0.0
0.0
0.0
0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com