Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2149 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC2149
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2149 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC2149 Datasheet HTML 1Page - Renesas Technology Corp 2SC2149 Datasheet HTML 2Page - Renesas Technology Corp 2SC2149 Datasheet HTML 3Page - Renesas Technology Corp 2SC2149 Datasheet HTML 4Page - Renesas Technology Corp 2SC2149 Datasheet HTML 5Page - Renesas Technology Corp 2SC2149 Datasheet HTML 6Page - Renesas Technology Corp 2SC2149 Datasheet HTML 7Page - Renesas Technology Corp 2SC2149 Datasheet HTML 8Page - Renesas Technology Corp 2SC2149 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©
1981
DATA SHEET
SILICON TRANSISTORS
DESCRIPTION
The 2SC2148, 2SC2149 are economical microwave transistors
encapsulated into new hermetic stripline packages, "micro X".
These are designed for small signal amplifier, low noise amplifier,
and oscillator applications in the L to C band, and CML circuit use.
FEATURES
2SC2148 NF: 2.1 dB TYP. @f = 500 MHz
2SC2149 NF: 2.6 dB TYP. @f = 2.0 GHz
Derating curves of the 2SC2148, 2SC2149.
The maximum junction temperature of these transistors is allowed up to 200
°C, but the ambient or storage
temperature is limitted to 150
°C. The operating junction temperature is estimated with power consumption (PT) and
thermal resistance mentioned on these derating curves.
2SC2148, 2SC2149
Document No. P11809EJ2V0DS00 (2nd edition)
(Previous No. TC-1428)
Date Published August 1996 P
Printed in Japan
MICROWAVE LOW NOISE AMPLIFIER
NPN SILICON EPITAXIAL TRANSISTOR
PACKAGE DIMENSIONS
(Unit : mm)
1
2
0.5±0.05
2.55±0.2
2.1
φ
3
4
4.0 MIN.
1.
2.
3.
4.
Emitter
Collector
Emitter
Base
4.0 MIN.
45
°
The information in this document is subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com