Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2149 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC2149
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2149 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC2149 Datasheet HTML 2Page - Renesas Technology Corp 2SC2149 Datasheet HTML 3Page - Renesas Technology Corp 2SC2149 Datasheet HTML 4Page - Renesas Technology Corp 2SC2149 Datasheet HTML 5Page - Renesas Technology Corp 2SC2149 Datasheet HTML 6Page - Renesas Technology Corp 2SC2149 Datasheet HTML 7Page - Renesas Technology Corp 2SC2149 Datasheet HTML 8Page - Renesas Technology Corp 2SC2149 Datasheet HTML 9Page - Renesas Technology Corp 2SC2149 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2SC2148, 2SC2149
6
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
7
2
5
1
0.5
0.1
0.2
0.5
1
5
10
70
50
IC
−Collector Current−mA
INSERTION GAIN vs.
COLLECTOR CURRENT
15
10
5
0
0.5
1
5
10
70
50
IC
−Collector Current−mA
VCE = 10 V
f = 1.0 GHz
COLLECTOR AND EMITTER CAPACITANCE vs.
REVERSE VOLTAGE
2
1
0.5
0.3
0
0.5
1
2
5
10
20 30
VCB
−Collector to Base Voltage−V
VEB
−Emitter to Base Voltage−V
f = 1.0 MHz
VCE = 10 V
NOISE FIGURE vs.
COLLECTOR CURRENT
7
6
5
1
2
3
4
0
0.5
1
5
10
70
50
IC
−Collector Current−mA
VCE = 10 V
f = 1.85 GHz
Cob
Cib



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com