Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2149 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC2149
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2149 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC2149 Datasheet HTML 1Page - Renesas Technology Corp 2SC2149 Datasheet HTML 2Page - Renesas Technology Corp 2SC2149 Datasheet HTML 3Page - Renesas Technology Corp 2SC2149 Datasheet HTML 4Page - Renesas Technology Corp 2SC2149 Datasheet HTML 5Page - Renesas Technology Corp 2SC2149 Datasheet HTML 6Page - Renesas Technology Corp 2SC2149 Datasheet HTML 7Page - Renesas Technology Corp 2SC2149 Datasheet HTML 8Page - Renesas Technology Corp 2SC2149 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2SC2148, 2SC2149
3
2SC2148
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Collector to Base Voltage
VCBO
30
V
Collector to Emitter Voltage
VCEO
14
V
Emitter to Base Voltage
VEBO
3.0
V
Collector Current
IC
50
mA
Total Power Dissipation
PT(TA = 48 °C)
250
mW
Total Power Dissipation
PT(Tc = 150 °C)
250
mW
Junction Temperature
Tj
200
°C
Storage Temperature
Tstg
−65 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Cutoff Current
ICBO
0.1
µAVCB = 15 V, IE = 0
Emitter Cutoff Current
IEBO
0.1
µAVEB = 2.0 V, IC = 0
DC Current Gain
hFE
30
80
200
VCE = 10 V, IC = 10 mA
Gain Bandwidth Product
fT
3.0
GHz
VCE = 10 V, IC = 10 mA
Output Capacitance *
Cob
0.55
pF
VCB = 10 V, IE = 0, f = 1.0 MHz
Insertion Gain
S21e2
7.5
9.3
dB
VCE = 10 V, IC = 10 mA, f = 1.0 GHz
Noise Figure
NF
2.1
3.5
dB
VCE = 10 V, IC = 3.0 mA, f = 500 MHz
Maximum Available Gain
MAG
13.3
dB
VCE = 10 V, IC = 10 mA, f = 1.0 GHz
* The emitter terminal should be connected to the guard terminal of the three-terminal capacitance bridge.
TYPICAL CHARACTERISTICS (TA = 25
°C)
200
100
50
20
10
0.5
1
5
DC CURRENT GAIN vs.
COLLECTOR CURRENT
VCE = 10 V
IC
−Collector Current−mA
10
50
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
50
10
5
1
0.5
0.5
0.6
0.7
0.8
0.9
VBE
−Base to Emitter Voltage−V
VCE = 10 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com