Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C032 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C032
Description  LVDS Quad CMOS Differential Line Receiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C032 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS90C032 Datasheet HTML 1Page - National Semiconductor (TI) DS90C032 Datasheet HTML 2Page - National Semiconductor (TI) DS90C032 Datasheet HTML 3Page - National Semiconductor (TI) DS90C032 Datasheet HTML 4Page - National Semiconductor (TI) DS90C032 Datasheet HTML 5Page - National Semiconductor (TI) DS90C032 Datasheet HTML 6Page - National Semiconductor (TI) DS90C032 Datasheet HTML 7Page - National Semiconductor (TI) DS90C032 Datasheet HTML 8Page - National Semiconductor (TI) DS90C032 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MICROCIRCUIT DATA SHEET
MNDS90C032-X-RH REV 1B1
(Absolute Maximum Ratings)
(Note 1)
Supply Voltage (Vcc)
-0.3 to +6V
Input Voltage (RIN+, RIN-)
-0.3 to (Vcc+0.3V)
Enable Input Voltage (EN, EN*)
-0.3 to (Vcc+0.3V)
Output Voltage (ROUT)
-0.3 to (Vcc+0.3V)
Storage Temperature Range (Tstg)
-65 C < Ta < + 150 C
Lead Temperature
260 C
Soldering 4 seconds
Maximum Package Power Dissipation @ +25C
(Note 2)
1830 mW
20 PIN LCC (E Pkg)
1400 mW
16 PIN CERPAK (W Pkg)
TBD
16 PIN CERAMIC SOIC (WG Pkg)
Thermal Resistance.
(Theta JA)
82 C/W
20 PIN LCC (E Pkg)
148 C/W
16 PIN CERPAK (W Pkg)
TBD
16 PIN CERAMIC SOIC (WG Pkg)
Thermal Resistance.
(Theta JC)
20 C/W
20 PIN LCC (E Pkg).
20 C/W
16 PIN CERPAK (W Pkg)
TBD
16 PIN CERAMIC SOIC (WG Pkg)
ESD Rating.
2000 Volts.
Note 1:
Absolute Maximum Ratings are those values beyond which the safety of the device
cannot be guaranteed.
They are not meant to imply that the device should be operated
at these limits.
The table of "Electrical Characteristics" provides conditions for
actual device operation.
Note 2:
Derate (E Pkg) @ 12.2mW/C above +25C.
Derate (W Pkg) @ 6.8 mW/C above +25C.
Recommended Operating Conditions
Operating Voltage (Vcc)
4.5V to 5.5V
Operating Temperature Range (Ta)
-55C to +125C
Receiver Input Voltage
GND to 2.4V
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com