Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C032 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C032
Description  LVDS Quad CMOS Differential Line Receiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C032 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90C032 Datasheet HTML 1Page - National Semiconductor (TI) DS90C032 Datasheet HTML 2Page - National Semiconductor (TI) DS90C032 Datasheet HTML 3Page - National Semiconductor (TI) DS90C032 Datasheet HTML 4Page - National Semiconductor (TI) DS90C032 Datasheet HTML 5Page - National Semiconductor (TI) DS90C032 Datasheet HTML 6Page - National Semiconductor (TI) DS90C032 Datasheet HTML 7Page - National Semiconductor (TI) DS90C032 Datasheet HTML 8Page - National Semiconductor (TI) DS90C032 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Original Creation Date: 04/14/00
Last Update Date: 08/15/03
Last Major Revision Date:
MNDS90C032-X-RH REV 1B1
MICROCIRCUIT DATA SHEET
LVDS Quad CMOS Differential Line Receiver: ALSO
AVAILABLE GUARANTEED TO 50K RAD(Si) TESTED TO
MIL-STD-883, METHOD 1019.5
General Description
The DS90C032 is a quad differential line receiver designed for applications requiring low
power dissipation and high data rates.
The DS90C032 accepts low voltage differential input siginal and translates them to CMOS
(TTL compatible) output levels. The receiver supports a TRI-STATE function that may be
used to multiplex outputs.
The DS90C032 and companion line driver (DS90C031) provide a new alternative to high power
pseudo-ECL devices for high speed point to point interfaces.
In addition, the DS90C032A provides power-off high impedance LVDS inputs. This feature
assures minimal loading effect on the LVDS bus lines when VCC is not present.
NS Part Numbers
DS90C032E-QML
DS90C032W-QML
DS90C032W-QMLV
DS90C032WG-QML
DS90C032WG-QMLV
DS90C032WGLQMLV
DS90C032WLQMLV
Industry Part Number
DS90C032
Prime Die
DS90C032
Controlling Document
SEE FEATURES SECTION
Processing
MIL-STD-883, Method 5004
Quality Conformance Inspection
MIL-STD-883, Method 5005
Subgrp Description
Temp ( C)
o
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
1


Similar Part No. - DS90C032

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C032 NSC-DS90C032 Datasheet
231Kb / 12P
LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032 Datasheet
352Kb / 12P
LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032 TI2-DS90C032 Datasheet
421Kb / 18P
DS90C032 LVDS Quad CMOS Differential Line Receiver
REVISED APRIL 2013
DS90C032 MDR TI2-DS90C032 MDR Datasheet
869Kb / 22P
DS90C032QML LVDS Quad CMOS Differential Line Receiver
REVISED APRIL 2013
DS90C032-MDR.A TI2-DS90C032-MDR.A Datasheet
869Kb / 22P
DS90C032QML LVDS Quad CMOS Differential Line Receiver
REVISED APRIL 2013
More results

Similar Description - DS90C032

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C032 NSC-DS90C032 Datasheet
231Kb / 12P
LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B Datasheet
160Kb / 9P
LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032_07 Datasheet
352Kb / 12P
LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B_03 Datasheet
193Kb / 9P
LVDS Quad CMOS Differential Line Receiver
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032QML TI1-DS90C032QML Datasheet
325Kb / 18P
DS90C032QML LVDS Quad CMOS Differential Line Receiver
DS90C032TMX TI-DS90C032TMX Datasheet
863Kb / 18P
DS90C032 LVDS Quad CMOS Differential Line Receiver
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
LVDS Quad CMOS Differential Line Receiver
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
LVDS Quad CMOS Differential Line Receiver
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
3V LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com