Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C032 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C032
Description  LVDS Quad CMOS Differential Line Receiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C032 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS90C032 Datasheet HTML 1Page - National Semiconductor (TI) DS90C032 Datasheet HTML 2Page - National Semiconductor (TI) DS90C032 Datasheet HTML 3Page - National Semiconductor (TI) DS90C032 Datasheet HTML 4Page - National Semiconductor (TI) DS90C032 Datasheet HTML 5Page - National Semiconductor (TI) DS90C032 Datasheet HTML 6Page - National Semiconductor (TI) DS90C032 Datasheet HTML 7Page - National Semiconductor (TI) DS90C032 Datasheet HTML 8Page - National Semiconductor (TI) DS90C032 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MNDS90C032-X-RH REV 1B1
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS: (SEE NOTE 4)
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
VTL
Differential
Input Low
Threshold
Vcm = +1.2V
1
RIN+,
RIN-
-100
mV
1, 2,
3
VTH
Differential
Input High
Threshold
Vcm = +1.2V
1
RIN+,
RIN-
100
mV
1, 2,
3
IIN
Input Current
Vcc=5.5V, Vin = 2.4V
RIN+,
RIN-
+10
uA
1, 2,
3
Vcc = 5.5V, Vin = 0
RIN+,
RIN-
+10
uA
1, 2,
3
Vcc = 0.0V, Vin = 2.4V
RIN+,
RIN-
+10
uA
1, 2,
3
Vcc = 0.0V, Vin = 0.0V
RIN+,
RIN-
+10
uA
1, 2,
3
VOH
Output High
Voltage
Vcc= 4.5V, Ioh = -0.4 mA, Vid = 200mV
ROUT
3.8
V
1, 2,
3
VOL
Output Low
Voltage
Vcc = 4.5, Iol = 2 mA, Vid = -200mV
ROUT
0.3
V
1, 2,
3
IOS
Output Short
Circuit Current
Enabled, Vout = 0V
ROUT
-15
-100
mA
1, 2,
3
IOZ
Output TRI-STATE
Current
Disabled, Vout = 0V or Vcc
ROUT
+10
uA
1, 2,
3
VIH
Input High
Voltage
1
EN,EN*
2.0
V
1, 2,
3
VIL
Input Low Voltage
1
EN,EN*
0.8
V
1, 2,
3
II
Input Current
VCC = 5.5V
EN, EN*
+10
uA
1, 2,
3
VCL
Input Clamp
Voltage
Icl = -18mA
EN, EN*
-1.5
V
1, 2,
3
Icc
No Load Supply
Current
EN, EN* = Vcc or GND, Inputs Open
Vcc
11
mA
1, 2,
3
EN, EN* = 2.4 or 0.5, Inputs Open
Vcc
11
mA
1, 2,
3
IccZ
No Load Supply
Current Receivers
Disabled
EN = GND, EN* = Vcc , Inputs Open
Vcc
11
mA
1, 2,
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com