Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG2A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RG2A
Description  Ultra-Fast-Recovery Rectifier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RG2A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RG2A Datasheet HTML 1Page - List of Unclassifed Manufacturers RG2A Datasheet HTML 2Page - List of Unclassifed Manufacturers RG2A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ultra-Fast-Recovery Rectifier Diodes
600V
C0.5
10.0
2.2
2.6
4.2
2.8
1.35
1.35
0.85
2.54
2.54
0.45
3.3
C0.5
10.0
2.2
2.6
4.2
2.8
1.35
1.35
0.85
2.54
2.54
0.45
3.3
10.0
2.2
2.6
4.2
2.8
1.35
0.85
5.08
0.45
3.3
31
s External Dimensions
Flammability: UL94V-0 or Equivalent (Unit: mm)
2.4±0.1
0.57±0.02
Cathode Mark
2.7±0.2
0.6±0.05
Cathode Mark
2.7±0.2
0.78±0.05
Cathode Mark
4.0±0.2
0.78±0.05
Cathode Mark
1.4±0.1
6.5±0.2
Cathode Mark
4.0±0.2
0.98±0.05
Cathode Mark
1.2±0.05
5.2±0.2
Cathode Mark
9.0
15.0
3.3
3.4
2.3
1.0
5.45
5.45
5.0
0.65
2.6
+0.2
–0.1
9.0
15.0
3.3
3.4
2.3
1.0
5.45
5.45
5.0
0.65
2.6
+0.2
–0.1
S type
R type
10.2±
0.3
2.54±
0.5
0.4±
0.1
2.59±
0.2
1.3±
0.2
4.44±
0.2
2.54±
0.5
1.2±
0.2
1.27±
0.2
0.1
+0.2
–0.1
+0.2
–0.1
0.86
a: Part Number
b: Polarity
c: Lot No.
a
b
c
(Backside of case)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com