Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG2A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RG2A
Description  Ultra-Fast-Recovery Rectifier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RG2A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RG2A Datasheet HTML 1Page - List of Unclassifed Manufacturers RG2A Datasheet HTML 2Page - List of Unclassifed Manufacturers RG2A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
72
FMG-G26S
10
20
50
40
30
0
1
5
50
10
20ms
FMG-G2CS
5
25
30
20
15
10
0
1
5
50
10
20ms
90
110
130
50
0
70
150
1
2
3
4
5
25
50
100
125
0
0
75
150
0.6
1.2
1.8
2.4
3.0
10
1
0.1
0.01
0.001
30
10
1
0.1
0.01
0.001
50
t / T 1/2
=
t / T 1/6
=
D.C.
t / T 1/3,
Sinewave
=
0.4
0.8
1.2
1.6
0
2.0
2.4
2.8
Ta 150
°C
=
60
°C
25
°C
100
°C
12
3
4
05
Ta 150
°C
=
60
°C
25
°C
100
°C
FML-G12S
10
50
60
40
30
20
65
0
1
5
50
10
20ms
20
10
1
0.1
0.01
0.001
100
0
110
120
150
1
2
3
4
5
140
t / T 1/6
=
t / T 1/ 3,
Sinewave
=
t / T 1/2
=
D.C.
130
0.3
0.5
0.7
0.9
0.1
1.1
1.3
Ta 150
°C
=
60
°C
100
°C
25
°C
20
10
60
40
50
30
70
0
1
5
50
10
20ms
FML-G13S, G14S
10
30
20
50
40
0
1
5
50
10
20ms
20
10
1
0.1
0.01
0.001
0.5
1.0
0
1.5
2.0
50
10
1
0.1
0.01
0.001
FML-G16S
70
0
90
110
150
1
2
3
4
5
130
t / T 1/6
=
Sinewave
t / T 1/2
=
D.C.
90
0
100
150
1
2
3
4
5
140
t / T 1/6
=
t / T 1/ 3,
Sinewave
=
t / T 1/2
=
D.C.
130
110
120
0.4
0.8
1.2
1.6
0
2.0
2.4
Ta 150
°C
=
60
°C
100
°C
25
°C
Ta 150
°C
=
100
°C
60
°C
25
°C
t / T 1/ 3
=
Ambient Temperature Ta (
°C)
Ta— IF (AV) Derating
VF —IF Characteristics (Typical)
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Forward Voltage VF (V)
IFMS Rating
Overcurrent Cycles
Case Temperature Tc
(
°C)
Tc— IF (AV) Derating
IFMS Rating
Overcurrent Cycles
Case Temperature Tc
(
°C)
Tc— IF (AV) Derating
IFMS Rating
Overcurrent Cycles
Case Temperature Tc
(
°C)
Tc— IF (AV) Derating
IFMS Rating
Overcurrent Cycles
IFMS Rating
Overcurrent Cycles
Case Temperature Tc
(
°C)
Tc— IF (AV) Derating
Characteristic Curves
Ultra-Fast-Recovery Rectifier Diodes



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com