Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG2A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RG2A
Description  Ultra-Fast-Recovery Rectifier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RG2A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RG2A Datasheet HTML 1Page - List of Unclassifed Manufacturers RG2A Datasheet HTML 2Page - List of Unclassifed Manufacturers RG2A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
30
Ultra-Fast-Recovery Rectifier Diodes 600V
t rr
: IF/IR (=IF)
90% Recovery Point
(ex. IF/IR =100mA/100mA 90% Recovery Point)
t rr
: IF/IR (=2 IF) 75% Recovery Point
(ex. IF/IR =100mA/200mA 75% Recovery Point)
1
2
Package
Part Number
VRM
(V)
IF (AV)
(A)
IFSM
(A)
50Hz
Half-cycle Sinewave
Single Shot
VF
(V)
IF
(A)
IF/IFP
(mA)
IR
(
µA)
IR (H)
(mA)
VR =VRM
max
VR =VRM
max
Tj
(
°C)
Tstg
(
°C)
Ta
(
°C)
max
Mass
(g)
Frame-2Pin
Center-tap
Axial
Surface Mount
600
30.0
0.5
0.5
0.6
1.0
1.0
1.2
2.0
1.0 (2.0)
3.0
4.0
5.0
5.0
5.0
10.0
10.0
8.0
3.0
6.0
15.0
20.0
MP3-306
AG01A
EG01A
EG 1A
RG 10A
RG 2A
RD 2A
RL 3A
RG 4A
RL 4A
FMG-G26S
FML-G16S
FMX-G16S
FMN-G16S
FMD-G26S
FMX-G26S
FMG-G36S
FMC-26U
FMG-26S, R
FMG-36S, R
FML-36S
30.0
0.5
0.5
0.6
1.0
1.0
1.2
3.0
2.0
3.0
4.0
5.0
5.0
5.0
10.0
10.0
8.0
3.0
3.0
7.5
10.0
100
100
100
100
500
500
50
50
500
50
500
100
50
50
100
100
500
500
500
1000
100
2.0
22
20
17
15
12
12
10
8
8
4.0
4.0
4.0
4.0
4.0
4.0
2.0
4.0
4.0
2.0
2.0
80
64
65
66
68
69
70
71
72
79
—
80
74
74
75
78
1.04
0.13
0.2
0.3
0.4
0.6
0.6
1.0
1.2
1.2
2.1
2.1
2.1
2.1
2.1
2.1
5.5
2.1
2.1
5.5
5.5
180
15
10
10
50
50
30
60
50
80
50
50
50
50
100
100
80
50
50
80
100
0.5
0.5
0.5
0.5
2.5
2.5
0.1
0.2
2.5
0.1
3.0
0.5
15
10
0.3
20
3
3
3
5
0.3
150 (Tj)
100
100
100
100
100
150
150 (Tj)
100
150 (Tj)
100
100
150
150 (Tj)
150
150
100
150 (Tj)
100
100
100
150
100
100
100
100
100
50
50
100
50
100
50
30
100
50
30
100
70
100
100
65
70
50
50
50
50
50
35
35
50
35
50
35
25
50
30
25
50
35
50
50
35
500/500
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
500/500
100/100
500/500
500/500
100/100
500/500
500/500
500/500
500/500
100/100
100/100
500/500
IF/IFP
(mA)
500/1000
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
500/1000
100/200
500/1000
500/1000
100/200
500/1000
500/1000
500/1000
500/1000
100/200
100/200
500/1000
1.7
1.8
2.0
2.0
2.0
2.0
1.55
1.7
2.0
1.5
2.5
1.5
1.5
1.2
1.7
1.5
2.5
2.0
2.2
2.2
1.7
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
*
: Under development
*
Rth (j- )
Rth (j-c)
(
°C/W)
trr
(ns)
1
trr
(ns)
2
Fig.
No.


Similar Part No. - RG2A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RG2A SANKEN-RG2A Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
General Semiconductor
RG2A GE-RG2A Datasheet
52Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
Galaxy Semi-Conductor H...
RG2A BILIN-RG2A Datasheet
58Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Sanken electric
RG2A SANKEN-RG2A Datasheet
191Kb / 4P
Silicon Diode
logo
SUNMATE electronic Co.,...
RG2A SUNMATE-RG2A Datasheet
307Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
More results

Similar Description - RG2A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR810F YANGJIE-MUR810F Datasheet
167Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RU1 TAYCHIPST-RU1 Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR2010CT YANGJIE-MUR2010CT Datasheet
109Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
MUR2060F YANGJIE-MUR2060F Datasheet
142Kb / 4P
Ultra-Fast Recovery Rectifier Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com