Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2001 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STE2001
Description  65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2001 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STE2001 Datasheet HTML 8Page - STMicroelectronics STE2001 Datasheet HTML 9Page - STMicroelectronics STE2001 Datasheet HTML 10Page - STMicroelectronics STE2001 Datasheet HTML 11Page - STMicroelectronics STE2001 Datasheet HTML 12Page - STMicroelectronics STE2001 Datasheet HTML 13Page - STMicroelectronics STE2001 Datasheet HTML 14Page - STMicroelectronics STE2001 Datasheet HTML 15Page - STMicroelectronics STE2001 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
STE2001
12/36
- Display blank (E = D = 0)
- Address counter X[6: 0] = 0 and Y[3 : 0] = 0
- Temperature coefficient (TC[1 : 0] = 0)
- Bias system (BS[2 : 0] = 0)
-VOP =0
- Power Down (PD = 1)
To clear the RAM content a MEMORY BLANK instruction should be executed.
Power Down (PD = 1)
When at Power Down, all LCD outputs are kept at VSS (display off). Bias generator and VLCD generator are OFF
(VLCDOUToutput is discharged to VSS, and then is possible to disconnect VLCDOUT). The internal Oscillator is in
off state. An external clock can be provided. The RAM contents is not cleared.
Charge Pump Factor
The desired Charge Pump Multiplication Factor can be programmed though the S1 and S0 bits, as follows:
At Reset the X2 factor is selected.
Bias Levels
To properly drive the LCD, six (Including VLCD and VSS) different voltage (Bias) levels are generated. The ra-
tios among these levels and VLCD, should be selected according to the MUX ratio (m). They are established to
be (Fig. 14):
Figure 13. Bias level Generator
S1
S0
Multi plication Factor
00
2X
01
3X
10
4X
11
5X
V
LCD
n3
+
n4
+
------------- V
LCD ,
n2
+
n4
+
------------- V
LCD ,
2
n4
+
------------- V
LCD,
1
n4
+
------------- V
LCD,VSS
,
R
VLCD
VSS
·VLCD
·VLCD
·VLCD
·VLCD
n+ 3
n+ 4
R
nR
R
R
n+ 2
n+ 4
2
n+ 4
1
n+ 4
D00IN1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com