Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2001 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STE2001
Description  65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2001 Datasheet(HTML) 5 Page - STMicroelectronics

  STE2001 Datasheet HTML 1Page - STMicroelectronics STE2001 Datasheet HTML 2Page - STMicroelectronics STE2001 Datasheet HTML 3Page - STMicroelectronics STE2001 Datasheet HTML 4Page - STMicroelectronics STE2001 Datasheet HTML 5Page - STMicroelectronics STE2001 Datasheet HTML 6Page - STMicroelectronics STE2001 Datasheet HTML 7Page - STMicroelectronics STE2001 Datasheet HTML 8Page - STMicroelectronics STE2001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5/36
STE2001
FFRAME
Frame frequency
fosc or fext = 38 kHz; note 1
73
Hz
TVHRL
Vdd1 to RES Low
note 2 and 10; CVLCD =1µF0
5
ms
Tw(RES)
RES LOW pulse width
note 3
600
ns
Reset Pulse Rejection
Tamb =25°C; note 11
370
µs
Reset Pulse Rejection
note 11
200
µs
TSTART
Reset Pulse vs. Device Ready
1
ms
TVDD
0
I2C BUS INTERFACE (See note 4)
FSCL
SCL Clock Frequency
Fast Mode ; VDD1 =4.5V
DC
400
kHz
VDD1 =18V; Tamb = -20 to 70°C
400
kHz
High Speed Mode; Cb=100pF
(max); note 6; VDD1 =4.5V
DC
3.4
MHz
High Speed Mode; Cb=400pF
(max); note 6 ; VDD1 =4.5V
DC
1.7
MHz
TSCLL
Cb=100pF
160
ns
TSCLH
Cb=100pF
160
ns
TSCLL
Cb=400pF
320
ns
TSCLH
Cb=400pF
320
ns
TSU;DAT
Cb=100pF
30
ns
THD;DAT
Cb=100pF
30
ns
TSU;DAT
Cb=400pF
30
ns
THD;DAT
Cb=400pF
30
ns
TSU;STA
Cb=100pF
Note 8
170
ns
TSU;STA
Cb=400pF
Note 8
330
ns
THD;STA
Cb=100pF
Note 8
170
ns
THD;STA
Cb=400pF
Note 8
330
ns
TSU;STO
Cb=100pF
Note 8
170
ns
TSU;STO
Cb=400pF
Note 8
330
ns
TrCL
Cb=100pF
Note 5, 8
25
ns
TrCL
Cb=400pF
Note 5, 8
50
ns
TrCL1
Cb=100pF
Note 5, 8
30
ns
TrCL1
Cb=400pF
Note 5, 8
120
ns
TrDA
Cb=100pF
Note 5, 8
30
ns
TrDA
Cb=400pF
Note 5, 8
120
ns
TfCL
Cb=100pF
Note 5, 8
25
ns
TfCL
Cb=400pF
Note 5, 8
50
ns
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com