Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2001 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STE2001
Description  65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2001 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STE2001 Datasheet HTML 18Page - STMicroelectronics STE2001 Datasheet HTML 19Page - STMicroelectronics STE2001 Datasheet HTML 20Page - STMicroelectronics STE2001 Datasheet HTML 21Page - STMicroelectronics STE2001 Datasheet HTML 22Page - STMicroelectronics STE2001 Datasheet HTML 23Page - STMicroelectronics STE2001 Datasheet HTML 24Page - STMicroelectronics STE2001 Datasheet HTML 25Page - STMicroelectronics STE2001 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
STE2001
22/36
Table 2. Explanations of Table 6 symbols
Table 3.
Table 4.
Table 5.
BIT
0
1
RESET
STATE
DIR
Scroll by one down
Scroll by one up
H
Use basic instruction set
Use extended instruction set
0
PD
Device fully working
Device in power down
1
V
Horizontal addressing
Vertical addressing
0
MX
Normal X axis addressing
X axis address is mirrored.
0
MY
Image is displayed not vertically mirrored
Image is displayed vertically mirrored
0
TRS
No top rows mirroring
Top rows mirroring (row pads 16-31 & 48-64)
0
BRS
No bottom rows mirroring
Bottom rows mirroring (row pads 0-15 & 32-47)
0
DO
MSB on TOP
MSB on BOTTOM
0
PRS
VLCD = 2.94V
VLCD = 6.75V
0
MUX
1:65 multiplexing ratio
1:33 multiplexing ratio
0
D
E
DESCRIPTION
RESET STATE
0
0
display blank
1
0
normal mode
D=0
0
1
all display segments on
E=0
1
1
inverse video mode
S1
S0
DESCRIPTION
RESET STATE
0
0
Multiplication Factor 2X
0
1
Multiplication Factor 3X
0
1
0
Multiplication Factor 4X
1
1
Multiplication Factor 5X
TC1
TC0
DESCRIPTION
RESET STATE
0
0
VLCD temperature Coefficient 0
0
1
VLCD temperature Coefficient 1
00
1
0
VLCD temperature Coefficient 2
1
1
VLCD temperature Coefficient 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com