Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ100G Datasheet(PDF) 45 Page - STMicroelectronics

Part # L99DZ100G
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100G Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L99DZ100G Datasheet HTML 41Page - STMicroelectronics L99DZ100G Datasheet HTML 42Page - STMicroelectronics L99DZ100G Datasheet HTML 43Page - STMicroelectronics L99DZ100G Datasheet HTML 44Page - STMicroelectronics L99DZ100G Datasheet HTML 45Page - STMicroelectronics L99DZ100G Datasheet HTML 46Page - STMicroelectronics L99DZ100G Datasheet HTML 47Page - STMicroelectronics L99DZ100G Datasheet HTML 48Page - STMicroelectronics L99DZ100G Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 197 page
background image
DS11546 Rev 5
45/197
L99DZ100G, L99DZ100GP
Electrical specifications
196
3.4.15
Gate drivers for the external Power-MOS switching times
The voltages are referred to power ground and currents are assumed positive, when the
current flows into the pin. 6 V ≤ VS ≤ 28 V; 6 V ≤ VSREG ≤ 28 V; Tj = -40 °C to 150 °C, unless
otherwise specified.
Table 21. Gate drivers for the external Power-MOS switching times
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
TG(HL)xHL
Propagation delay time high to low
(switch mode(1)
VS = 13.5 V; VSHx = 0;
RG = 0 Ω; CG = 2.7 nF
1.5
µs
TG(HL)xLH
Propagation delay time low to high
(switch mode)(1)
VS = 13.5 V; VSLx = 0;
RG = 0 Ω; CG = 2.7 nF
1.5
µs
IGHxrmax
Maximum source current (current
mode)
VS = 13.5 V; VSHx = 0;
VGHx = 1 V;
SLEW<4:0> = 1 FH
32
mA
IGHxfmax
Maximum sink current (current
mode)
VS = 13.5 V, VSHx = 0;
VGHx = 2 V;
SLEW<4:0> = 1 FH
32
mA
dIIGHxr
Source current accuracy
VS = 13.5 V; VSHx = 0;
VGHx = 1 V
See Figure 12: IGHxr
ranges
dIIGHxf
Sink current accuracy
VS = 13.5 V; VSHx = 0;
VGHx = 2 V
See Figure 13: IGHxf
ranges
VDSHxrSW
Switching voltage (VS-VSH)
between current mode and switch
mode (rising)
VS = 13.5 V
2.8
V
VDSHxfSW
Switching voltage (VS-VSH)
between switch mode and current
mode (falling)
VS = 13.5 V
2.8
V
t0GHxr
Rise time (switch mode)
VS = 13.5 V; VSHx = 0;
RG = 0 Ω; CG = 2.7 nF
45
ns
t0GHxf
Fall time (switch mode)
VS = 13.5 V; VSHx = 0;
RG = 0 Ω; CG = 2.7 nF
85
ns
t0GLxr
Rise time
VS = 13.5 V; VSLx = 0;
RG = 0 Ω; CG = 2.7 nF
45
ns
t0GLxf
Fall time
VS = 13.5 V; VSLx = 0;
RG = 0 Ω; CG = 2.7 nF
85
ns
tccp0001
Programmable cross-current
protection time
500
ns
tccp0010
Programmable cross-current
protection time
750
ns
tccp0011
Programmable cross-current
protection time
1000
ns
tccp0100
Programmable cross-current
protection time
1250
ns
tccp0101
Programmable cross-current
protection time
1500
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com