Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ100G Datasheet(PDF) 21 Page - STMicroelectronics

Part # L99DZ100G
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100G Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L99DZ100G Datasheet HTML 17Page - STMicroelectronics L99DZ100G Datasheet HTML 18Page - STMicroelectronics L99DZ100G Datasheet HTML 19Page - STMicroelectronics L99DZ100G Datasheet HTML 20Page - STMicroelectronics L99DZ100G Datasheet HTML 21Page - STMicroelectronics L99DZ100G Datasheet HTML 22Page - STMicroelectronics L99DZ100G Datasheet HTML 23Page - STMicroelectronics L99DZ100G Datasheet HTML 24Page - STMicroelectronics L99DZ100G Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 197 page
background image
DS11546 Rev 5
21/197
L99DZ100G, L99DZ100GP
Electrical specifications
196
VSH1, VSH2 (VSxy)
High Voltage Signal Pins
-1 to 40
V
High Voltage Signal Pins; single pulse with
tmax = 200ns
-5 to 40
V
VCP1P
High Voltage Signal Pins
VS-0.3 to VS+14
V
VCP2P
High Voltage Signal Pins
VS-0.6 to VS+14
V
VCP1M, VCP2M
High Voltage Signal Pins
-0.3 to VS+0.3
V
VCP
High Voltage Signal Pin VS ≤ 26 V
VS-0.3 to VS+14
V
High Voltage Signal Pin VS > 26 V
VS-0.3 to +40
V
VGH_heater
VSheater -0.3 to
VSheater+13;
VCP+0.3
V
VSH_heater
-0.3 to 40V
Or -0.3 to Vs+0.3
V
ISH_Heater
+/-10
mA
IECV, IOUT2, IOUT3,
IOUT9, IOUT10, IOUT11,
IOUT12, IOUT13,
IOUT14, IOUT15,
IOUT_HS
Output current(2)
±1.25
A
IOUT8
±2.5
A
IOUT7
±5
A
IOUT1,6
±5
A
IOUT4,5
±10
A
IVScum
Maximum cumulated current at VS drawn by
OUT1 & OUT2(2)
±7.5
A
IVScum
Maximum cumulated current at VS drawn by
OUT3, OUT8 & OUT10(2)
±2.5
A
IVScum
Maximum cumulated current at VS drawn by
OUT4(2)
±10
A
IVScum
Maximum cumulated current at VS drawn by
OUT5(2)
±10
A
IVScum
Maximum cumulated current at VS drawn by
OUT6 & OUT7(2)
±7.5
A
IVScum
Maximum cumulated current at VS drawn by
OUT9, OUT11, OUT12, OUT13, OUT14,
OUT15 and CP
±2.5
A
IVSREG
Maximum current at VSREG pin (2) (5V_1. 5V_2
and OUT_HS)
±2.5
A
IPGNDcum
Maximum cumulated current at PGND drawn
by OUT1 & OUT6(2)
±7.5
A
Table 3. Absolute maximum ratings (continued)
Symbol
Parameter / test condition
Value [DC voltage]
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com