Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ100G Datasheet(PDF) 28 Page - STMicroelectronics

Part # L99DZ100G
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100G Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L99DZ100G Datasheet HTML 24Page - STMicroelectronics L99DZ100G Datasheet HTML 25Page - STMicroelectronics L99DZ100G Datasheet HTML 26Page - STMicroelectronics L99DZ100G Datasheet HTML 27Page - STMicroelectronics L99DZ100G Datasheet HTML 28Page - STMicroelectronics L99DZ100G Datasheet HTML 29Page - STMicroelectronics L99DZ100G Datasheet HTML 30Page - STMicroelectronics L99DZ100G Datasheet HTML 31Page - STMicroelectronics L99DZ100G Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 197 page
background image
Electrical specifications
L99DZ100G, L99DZ100GP
28/197
DS11546 Rev 5
Table 7. Supply and supply monitoring
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VSUV
VS undervoltage threshold
VS increasing / decreasing
4.7
5.4
V
Vhyst_UV
VS undervoltage hysteresis
0.04
0.1
0.2
V
VSOV
VS overvoltage threshold
VS increasing
20
22.5
V
VS decreasing
18.5
22.5
Vhyst_OV
VS overvoltage hysteresis
0.5
1
1.5
V
VSREG_UV VSREG undervoltage threshold
VSREG increasing / decreasing
4.2
4.9
V
Vhyst_UV
VSREG undervoltage hysteresis
0.04
0.1
0.2
V
VSREG_OV VSREG overvoltage threshold
VSREG increasing
20
22.5
V
VSREG decreasing
18.5
22.5
Vhyst_OV
VSREG overvoltage hysteresis
0.5
1
1.5
V
tovuv_filt
VS/VSREG over/undervoltage filter
time
64
µs
IV(act)
Current consumption in Active
mode
VS = VSREG = 12 V; 
TxD CAN = high;
TxD LIN = high; V1 = ON;
V2 = ON; HS/LS Driver OFF;
CP = ON
11
15
mA
IV(BAT)
Current consumption in
Vbat_standby mode (1)
VS = 12 V; Both voltage
regulators deactivated; HS/LS
Driver OFF; No CAN
communication; CAN automatic
voltage biasing enabled
821
35
µA
IV(BAT)CS
Current consumption in
Vbat_standby mode with cyclic
sense enabled (1)
VS = 12 V; Both voltage
regulators deactivated;
T = 50 ms, tON = 100 µs
40
100
143
µA
IV(BAT)CW
Current consumption in
Vbat_standby mode with cyclic
wake enabled (1)
VS = 12 V; Both voltage
regulators deactivated during
standby phase
40
100
143
µA
IV(V1stby)
Current consumption in
V1_standby mode (1)
VS = 12 V; Voltage regulator V1
active; (IV1 = 0); HS/LS Driver
OFF
16
56
76
µA
Current consumption in
V1_standby mode (1) (2)
VS = 12 V; Voltage regulator V1
active; (IV1 = ICMP); HS/LS
Driver OFF
196
µA
Current consumption in
V1_standby mode (1)
VS = 12V; Voltage regulator V1
active; (IV1 = IPEAK); HS/LS
Driver OFF
436
µA
IV(SW)
Current consumption adder in
standby mode if Selective
Wakeup enabled and CAN
communication on the bus
TRX_BIAS mode (1)
VS = 12 V
1570
2000
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com