Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5050BCCZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5050BCCZN-R7
Description  Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5050BCCZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5050BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5050BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5050BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5050BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5050BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5050BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5050BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5050BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5050BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet
ADRF5050
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 14
Positive supply voltage (VDD) = 3.3 V, negative supply voltage (VSS) = −3.3 V, Control Input 1 voltage (V1) and Control Input 2 voltage (V2) = 0 V
or VDD, TCASE = 25°C, and a 50 Ω system, unless otherwise noted. RFx refers to RF1 to RF4. VCTRL is the voltages of the digital control inputs,
V1 and V2.
Table 1. Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
100
20,000
MHz
INSERTION LOSS
Between RFC and RFx (On)
100 MHz to 6 GHz
0.9
dB
6 GHz to 12 GHz
1.00
dB
12 GHz to 20 GHz
1.20
dB
ISOLATION
Between RFC and RFx
100 MHz to 6 GHz
56
dB
6 GHz to 12 GHz
54
dB
12 GHz to 20 GHz
47
dB
Between RFx and RFx
100 MHz to 6 GHz
54
dB
6 GHz to 12 GHz
50
dB
12 GHz to 20 GHz
47
dB
RETURN LOSS
RFC (On)
100 MHz to 6 GHz
26
dB
6 GHz to 12 GHz
22
dB
12 GHz to 20 GHz
22
dB
RFx (On)
100 MHz to 6 GHz
24
dB
6 GHz to 12 GHz
19
dB
12 GHz to 20 GHz
18
dB
RFx (Off)
100 MHz to 6 GHz
20
dB
6 GHz to 12 GHz
15
dB
12 GHz to 20 GHz
12
dB
SWITCHING
Rise and Fall Time
tRISE, tFALL
10% to 90% of RF output (RFOUT)
12
ns
On and Off Time
tON, tOFF
50% VCTRL to 90% of RFOUT
55
ns
0.1 dB Settling Time
50% VCTRL to 0.1 dB of final RFOUT
80
ns
INPUT LINEARITY1
0.1 dB Power Compression
P0.1dB
f = 100 MHz to 20 GHz
34
dBm
Third-Order Intercept
IP3
Two-tone input power = 15 dBm each tone, f = 100
MHz to 20 GHz, Δf = 1 MHz
55
dBm
Second-Order Intercept
IP2
Two-tone input power = 15 dBm each tone, f = 8
GHz, Δf = 1 MHz
110
dBm
VIDEO FEEDTHROUGH2
30
mV p-p
SUPPLY CURRENT
VDD and VSS pins
Positive Supply Current
IDD
155
µA
Negative Supply Current
ISS
530
µA
DIGITAL CONTROL INPUTS
V1, V2, EN, and LS pins
Voltage
Low
VINL
0
0.8
V
High
VINH
1.2
3.3
V
Current
Low
IINL
<1
µA
High
IINH
V1 and V2 pins
3
µA
LS and EN pins
40
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com