Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5050BCCZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF5050BCCZN-R7
Description  Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5050BCCZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF5050BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5050BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5050BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5050BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5050BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5050BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5050BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5050BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5050BCCZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Data Sheet
ADRF5050
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 6 of 14
Figure 3. Pin Configuration (Top View)
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
EN
Enable Input. See Table 7 for the truth table and Figure 6 for the interface schematic.
2
V1
Control Input 1. See Table 7 for the truth table and Figure 5 for the interface schematic.
3, 5, 9, 11 to 13, 15 to 17,
19 to 21, 23
GND
Ground. The GND pins must be connected to the RF and dc ground of the PCB.
4
RFC
RF Common Port. No dc blocking capacitor is required when the RF line potential is equal to 0 V dc. See Figure 4 for the
interface schematic.
6
VSS
Negative Supply Voltage.
7
LS
Logic Select Input. See Table 7 for the truth table and Figure 6 for the interface schematic.
8
VDD
Positive Supply Voltage.
10
RF4
RF Throw Port 4. No dc blocking capacitor is required when the RF line potential is equal to 0 V dc. See Figure 4 for the
interface schematic.
14
RF3
RF Throw Port 3. No dc blocking capacitor is required when the RF line potential is equal to 0 V dc. See Figure 4 for the
interface schematic.
18
RF2
RF Throw Port 2. No dc blocking capacitor is required when the RF line potential is equal to 0 V dc. See Figure 4 for the
interface schematic.
22
RF1
RF Throw Port 1. No dc blocking capacitor is required when the RF line potential is equal to 0 V dc. See Figure 4 for the
interface schematic.
24
V2
Control Input 2. See Table 7 for the truth table and Figure 5 for the interface schematic.
EPAD
Exposed Pad. The exposed pad must be connected to the RF and dc ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com