Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5050BCCZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF5050BCCZN-R7
Description  Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5050BCCZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF5050BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5050BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5050BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5050BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5050BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5050BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5050BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5050BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5050BCCZN-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Data Sheet
ADRF5050
OUTLINE DIMENSIONS
©2023 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 14 of 14
3.10
3.00 SQ
2.90
1.60
1.50 SQ
1.50
TOP VIEW
BOTTOM VIEW
SIDE VIEW
1
7
8
12
13
18
19
20
24
0.40
BSC
0.776
0.696
0.676
0.250
0.200
0.150
0.325
0.275
0.225
0.530 REF
0.166 REF
SEATING
PLANE
PIN 1
INDICATOR
AREA
1.60
REF
0.70
REF
2.40
REF
PIN 1
INDICATOR
(C 0.225 × 0.45°)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
EXPOSED
PAD
Figure 30. 24-Terminal Land Grid Array [LGA]
(CC-24-16)
Dimensions shown in millimeters
Updated: February 04, 2023
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
ADRF5050BCCZN
−40°C to +105°C
24-Terminal Land Grid Array [LGA]
Reel, 500
CC-24-16
ADRF5050BCCZN-R7
−40°C to +105°C
24-Terminal Land Grid Array [LGA]
Reel, 500
CC-24-16
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Model1
Description
ADRF5050-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com