Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK2201BRCP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLK2201BRCP
Description  ETHERNET TRANSCEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2201BRCP Datasheet(HTML) 1 Page - Texas Instruments

  TLK2201BRCP Datasheet HTML 1Page - Texas Instruments TLK2201BRCP Datasheet HTML 2Page - Texas Instruments TLK2201BRCP Datasheet HTML 3Page - Texas Instruments TLK2201BRCP Datasheet HTML 4Page - Texas Instruments TLK2201BRCP Datasheet HTML 5Page - Texas Instruments TLK2201BRCP Datasheet HTML 6Page - Texas Instruments TLK2201BRCP Datasheet HTML 7Page - Texas Instruments TLK2201BRCP Datasheet HTML 8Page - Texas Instruments TLK2201BRCP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TLK2201B, TLK2201BI
ETHERNET TRANSCEIVERS
SLLS585 − NOVEMBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 1 to 1.6 Gigabits Per Second (Gbps)
Serializer/Deserializer (TLK2201B)
D 1.2 to 1.6 Gigabits Per Second (Gbps)
Serializer/Deserializer (TLK2201BI)
D Low Power Consumption <200 mW
at 1.25 Gbps
D LVPECL Compatible Differential I/O on High
Speed Interface
D Single Monolithic PLL Design
D Support For 10 Bit Interface or Reduced
Interface 5 Bit DDR (Double Data Rate)
Clocking
D Receiver Differential Input Thresholds
200 mV Minimum
D Industrial Temperature Range From −40°C
to 85
°C (TLK2201BI)
D IEEE 802.3 Gigabit Ethernet Compliant
D Advanced 0.25 µm CMOS Technology
D No External Filter Capacitors Required
D Comprehensive Suite of Built-In Testability
D IEEE 1149.1 JTAG Support
D 2.5-V Supply Voltage for Lowest Power
Operation
D 3.3-V Tolerant on LVTTL Inputs
D Hot Plug Protection
D 64-Pin VQFP With Thermally Enhanced
Package (PowerPAD
)
17 18 19
JTDI
SYNC/PASS
GND
RD0
RD1
RD2
VDD
RD3
RD4
RD5
RD6
VDD
RD7
RD8
RD9
GND
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
GND
TD0
TD1
TD2
VDD
TD3
TD4
TD5
TD6
VDD
TD7
TD8
TD9
GND
MODESEL
PRBSEN
21 22 23 24
63 62 61 60 59
64
58
56 55 54
57
25 26 27 28 29
53 52 51 50 49
30 31 32
description
The TLK2201B and TLK2201BI gigabit ethernet transceivers provide for ultrahigh-speed full-duplex
point-to-point data transmissions. These devices are based on the timing requirements of the 10-bit interface
specification by the IEEE 802.3 Gigabit Ethernet specification. The TLK2201B supports data rates from 1.0
Gbps through 1.6 Gbps and the TLK2201BI supports data rates from 1.2 Gbps through 1.6 Gbps.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - TLK2201BRCP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2201BRCP TI1-TLK2201BRCP Datasheet
1Mb / 24P
ETHERNET TRANSCEIVERS
TLK2201BRCPG4 TI1-TLK2201BRCPG4 Datasheet
1Mb / 24P
ETHERNET TRANSCEIVERS
TLK2201BRCPR TI1-TLK2201BRCPR Datasheet
1Mb / 24P
ETHERNET TRANSCEIVERS
TLK2201BRCPRG4 TI1-TLK2201BRCPRG4 Datasheet
1Mb / 24P
ETHERNET TRANSCEIVERS
More results

Similar Description - TLK2201BRCP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2201 TI-TLK2201 Datasheet
263Kb / 19P
ETHERNET TRANSCEIVERS
TLK1201 TI-TLK1201 Datasheet
279Kb / 19P
ETHERNET TRANSCEIVERS
TLK2201A TI-TLK2201A Datasheet
348Kb / 21P
ETHERNET TRANSCEIVERS
TLK1201ARCP TI-TLK1201ARCP Datasheet
272Kb / 21P
ETHERNET TRANSCEIVERS
TLK2211 TI-TLK2211 Datasheet
551Kb / 21P
ETHERNET TRANSCEIVERS
TLK1201A TI1-TLK1201A Datasheet
790Kb / 23P
ETHERNET TRANSCEIVERS
TLK1211 TI1-TLK1211 Datasheet
412Kb / 21P
ETHERNET TRANSCEIVERS
TLK1201IRCPRG4 TI-TLK1201IRCPRG4 Datasheet
541Kb / 22P
ETHERNET TRANSCEIVERS
TLK2201B TI1-TLK2201B_13 Datasheet
1Mb / 24P
ETHERNET TRANSCEIVERS
TLK1201RCP TI1-TLK1201RCP Datasheet
1Mb / 25P
ETHERNET TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com