Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK2201BRCP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLK2201BRCP
Description  ETHERNET TRANSCEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2201BRCP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLK2201BRCP Datasheet HTML 8Page - Texas Instruments TLK2201BRCP Datasheet HTML 9Page - Texas Instruments TLK2201BRCP Datasheet HTML 10Page - Texas Instruments TLK2201BRCP Datasheet HTML 11Page - Texas Instruments TLK2201BRCP Datasheet HTML 12Page - Texas Instruments TLK2201BRCP Datasheet HTML 13Page - Texas Instruments TLK2201BRCP Datasheet HTML 14Page - Texas Instruments TLK2201BRCP Datasheet HTML 15Page - Texas Instruments TLK2201BRCP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
TLK2201B, TLK2201BI
ETHERNET TRANSCEIVERS
SLLS585 − NOVEMBER 2003
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
transmitter/receiver characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vod = |TxD−TxN|
Rt = 50
Ω
600
850
1100
mV
Vod = |TxD−TxN|
Rt = 75
Ω
800
1050
1200
mV
V(cm)
Transmit common mode voltage range
Rt = 50
Ω
1000
1250
1400
mV
V(cm)
Transmit common mode voltage range
Rt = 75
Ω
1000
1250
1400
mV
Receiver Input voltage requirement,
Vid = |RxP − RxN|
200
1600
mV
Receiver common mode voltage range,
(RxP + RxN)/2
1000
1250
2250
mV
Ilkg(R)
Receiver input leakage current
−350
350
µA
CI
Receiver input capacitance
2
pF
t(TJ)
Serial data total jitter (peak-to-peak)
Differential output jitter, Random
+ deterministic, PRBS pattern,
Rω = 125 MHz
0.24
UI
t(DJ)
Serial data deterministic jitter (peak-to-peak)
Differential output jitter, PRBS
pattern,
Rω = 125 MHz
0.12
UI
tr, tf
Differential signal rise, fall time (20% to 80%)
RL = 50 Ω,
CL = 5 pF,
See Figures 7 and 8
100
250
ps
Serial data jitter tolerance minimum required eye
opening, (per IEEE-802.3 specification)
Differential input jitter, Random
+ deterministic, Rω = 125 MHz
0.25
UI
Receiver data acquisition lock time from powerup
500
µs
Data relock time from loss of synchronization
1024
Bit times
td(Tx latency)
Tx latency
TBI modes
See Figure 1
19
20
UI
td(Tx latency)
Tx latency
DDR mode
29
30
UI
td(Rx latency)
Rx latency
TBI modes
See Figure 6
21
31
UI
td(Rx latency)
Rx latency
DDR mode
27
34
UI
80%
50%
20%
tr
tr
tf
tf
80%
50%
20%
∼ V
∼ V
∼ V
∼ V
80%
20%
0 V
∼ 1V
∼ −1V
TX+
TX−
VOD
Figure 7. Differential and Common-Mode
Output Voltage Definitions
CL
5 pF
CL
5 pF
50
Ω
50
Ω
Figure 8. Transmitter Test Setup
tr
tf
CLOCK
80%
50%
20%
tr
tf
2 V
0.8 V
DATA
1.4 V
Figure 9. TTL Data I/O Valid Levels for AC Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com