Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK2201BRCP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLK2201BRCP
Description  ETHERNET TRANSCEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2201BRCP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLK2201BRCP Datasheet HTML 7Page - Texas Instruments TLK2201BRCP Datasheet HTML 8Page - Texas Instruments TLK2201BRCP Datasheet HTML 9Page - Texas Instruments TLK2201BRCP Datasheet HTML 10Page - Texas Instruments TLK2201BRCP Datasheet HTML 11Page - Texas Instruments TLK2201BRCP Datasheet HTML 12Page - Texas Instruments TLK2201BRCP Datasheet HTML 13Page - Texas Instruments TLK2201BRCP Datasheet HTML 14Page - Texas Instruments TLK2201BRCP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TLK2201B, TLK2201BI
ETHERNET TRANSCEIVERS
SLLS585 − NOVEMBER 2003
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD, VDD(A)
2.3
2.5
2.7
V
Total supply current IDD, IDD(A)
Frequency = 1.25 Gbps,
PRBS pattern
80
mA
Total supply current IDD, IDD(A)
Frequency = 1.6 Gbps,
Worst case pattern†
111
mA
Total power dissipation PD
Frequency = 1.25 Gbps
PRBS pattern
200
mW
Total power dissipation PD
Frequency = 1.6 Gbps
Worst case pattern†
310
mW
Total shutdown current IDD, IDD(A)
Enable = 0,
Vdda , Vdd = 2.7 V
50
µA
Startup lock time, PLL
VDD, VDD(A) = 2.5 V, EN↑ to PLL acquire
500
µs
Operating free-air temperature, TA
TLK2201B
0
70
°C
Operating free-air temperature, TA
TLK2201BI
−40
85
°C
† Worst case pattern is a pattern that creates a maximum transition density on the serial transceiver.
TLK2201B reference clock (REFCLK) timing requirements over recommended operating
conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency
Minimum data rate
TYP−0.01%
100
TYP−0.01%
MHz
Frequency
Maximum data rate
TYP−0.01%
160
TYP−0.01%
MHz
Accuracy
−100
100
ppm
Duty cycle
40%
50%
60%
Jitter
Random plus deterministic
40
ps
TLK2201BI reference clock (REFCLK) timing requirements over recommended operating
conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency
Minimum data rate
TYP−0.01%
120
TYP−0.01%
MHz
Frequency
Maximum data rate
TYP−0.01%
160
TYP−0.01%
MHz
Accuracy
−100
100
ppm
Duty cycle
40%
50%
60%
Jitter
Random plus deterministic
40
ps
TTL electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = −400 µA
VDD −0.2
2.3
V
VOL
Low-level output voltage
IOL = 1 mA
GND
0.25
0.5
V
VIH
High-level input voltage
1.7
3.6
V
VIL
Low-level input voltage
0.8
V
IIH
Input high current
VDD = 2.3 V,
VIN = 2.0 V
40
µA
IIL
Input low current
VDD = 2.3 V,
VIN = 0.4 V
−40
µA
CIN
4
pf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com