Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM217 Datasheet(PDF) 30 Page - STMicroelectronics

Part # LM217
Description   1.2 V to 37 V adjustable voltage regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM217 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LM217 Datasheet HTML 26Page - STMicroelectronics LM217 Datasheet HTML 27Page - STMicroelectronics LM217 Datasheet HTML 28Page - STMicroelectronics LM217 Datasheet HTML 29Page - STMicroelectronics LM217 Datasheet HTML 30Page - STMicroelectronics LM217 Datasheet HTML 31Page - STMicroelectronics LM217 Datasheet HTML 32Page - STMicroelectronics LM217 Datasheet HTML 33Page - STMicroelectronics LM217 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Revision history
Table 15. Document revision history
Date
Revisio
n
Changes
01-Sep-2004
10
Mistake VREF==> VO, tables 1, 4 and 5.
19-Jan-2007
11
D²PAK mechanical data has been updated, add footprint data and the document has been
reformatted.
13-Jun-2007
12
Change values ΔIADJ and VREF test condition of IO = 10 mA to IMAX ==> IO = 10 mA to 500 mA on
Table 5.
23-Nov-2007
13
Added Table 1.
06-Feb-2008
14
Added: TO-220 mechanical data Figure 14 on page 14 and Table 6 on page 13.
02-Mar-2010
15
Added: notes Figure 14 on page 14, Figure 15 on page 15, Figure 16 and Figure 17 on page 16.
17-Nov-2010
16
Modified: RthJC valuefor TO-220 Table 3 on page 4.
18-Nov-2011
17
Added: order code LM317T-DG Table 1 on page 1.
13-Feb-2012
18
Added: order code LM217T-DG Table 1 on page 1.
12-Mar-2014
19
The part number LM117 has been moved to a separate datasheet. Removed TO-3 package.
Updated the description in cover page
Modified Table 1: Device summary, Table 3: Thermal data, Figure 1: Pin connections (top view),
Section 4: Electrical characteristics, Section 5: Typical characteristics, Section 6: Application
information, Section 7: Package mechanical data.
Added Section 8: Packaging mechanical data. Minor text changes.
28-May-2018
20
Updated Section 8.5 D²PAK (ASE) type B package information.
31-Jul-2019
21
Updated TOP unit in Table 1. Absolute maximum ratings.
23-Dec-2021
22
Added new package SOT223 on the cover page, Section 8.7 SOT223 package information and
Section 8.8 SOT223 packing information.
Updated Table 6. Device summary.
LM217, LM317
DS0433 - Rev 22
page 30/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com