Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM217 Datasheet(PDF) 31 Page - STMicroelectronics

Part # LM217
Description   1.2 V to 37 V adjustable voltage regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM217 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LM217 Datasheet HTML 26Page - STMicroelectronics LM217 Datasheet HTML 27Page - STMicroelectronics LM217 Datasheet HTML 28Page - STMicroelectronics LM217 Datasheet HTML 29Page - STMicroelectronics LM217 Datasheet HTML 30Page - STMicroelectronics LM217 Datasheet HTML 31Page - STMicroelectronics LM217 Datasheet HTML 32Page - STMicroelectronics LM217 Datasheet HTML 33Page - STMicroelectronics LM217 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
Contents
1
Pin configuration ..................................................................2
2
Maximum ratings ..................................................................3
3
Diagram ...........................................................................4
4
Electrical characteristics...........................................................5
5
Typical characteristics .............................................................8
6
Application information ...........................................................10
7
Device summary..................................................................13
8
Package information..............................................................14
8.1
TO-220 (single gauge) package information ....................................... 14
8.2
TO-220 (dual gauge) package information......................................... 16
8.3
TO-220FP type A package information ........................................... 18
8.4
D²PAK (SMD 2L STD-ST) type A package information .............................. 20
8.5
D²PAK (ASE) type B package information ......................................... 22
8.6
D²PAK packaging information ................................................... 25
8.7
SOT223 package information ................................................... 27
8.8
SOT223 packing information .................................................... 28
Revision history .......................................................................30
LM217, LM317
Contents
DS0433 - Rev 22
page 31/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com