Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM217 Datasheet(PDF) 32 Page - STMicroelectronics

Part # LM217
Description   1.2 V to 37 V adjustable voltage regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM217 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LM217 Datasheet HTML 26Page - STMicroelectronics LM217 Datasheet HTML 27Page - STMicroelectronics LM217 Datasheet HTML 28Page - STMicroelectronics LM217 Datasheet HTML 29Page - STMicroelectronics LM217 Datasheet HTML 30Page - STMicroelectronics LM217 Datasheet HTML 31Page - STMicroelectronics LM217 Datasheet HTML 32Page - STMicroelectronics LM217 Datasheet HTML 33Page - STMicroelectronics LM217 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
List of tables
Table 1.
Absolute maximum ratings ............................................................. 3
Table 2.
Thermal data....................................................................... 3
Table 3.
Electrical characteristics for LM217 ....................................................... 5
Table 4.
Electrical characteristics for LM317 ....................................................... 6
Table 5.
Electrical characteristics for LM317B ...................................................... 7
Table 6.
Device summary ................................................................... 13
Table 7.
TO-220 (single gauge) mechanical data ................................................... 15
Table 8.
TO-220 (dual gauge) mechanical data .................................................... 17
Table 9.
TO-220FP package mechanical data ..................................................... 19
Table 10.
D²PAK (SMD 2L STD-ST) mechanical data ................................................. 21
Table 11.
D²PAK (ASE) type B mechanical data..................................................... 23
Table 12.
D²PAK tape and reel mechanical data..................................................... 26
Table 13.
SOT223 mechanical data ............................................................. 27
Table 14.
SOT223 tape and reel mechanical data ................................................... 28
Table 15.
Document revision history ............................................................. 30
LM217, LM317
List of tables
DS0433 - Rev 22
page 32/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com