Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO Datasheet(PDF) 157 Page - STMicroelectronics

Part # LSM6DSO
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO Datasheet(HTML) 157 Page - STMicroelectronics

Back Button LSM6DSO Datasheet HTML 153Page - STMicroelectronics LSM6DSO Datasheet HTML 154Page - STMicroelectronics LSM6DSO Datasheet HTML 155Page - STMicroelectronics LSM6DSO Datasheet HTML 156Page - STMicroelectronics LSM6DSO Datasheet HTML 157Page - STMicroelectronics LSM6DSO Datasheet HTML 158Page - STMicroelectronics LSM6DSO Datasheet HTML 159Page - STMicroelectronics LSM6DSO Datasheet HTML 160Page - STMicroelectronics LSM6DSO Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 172 page
background image
9.11
WHO_AM_I (0Fh) ............................................................. 49
9.12
CTRL1_XL (10h) .............................................................. 50
9.13
CTRL2_G (11h) ............................................................... 51
9.14
CTRL3_C (12h) ............................................................... 52
9.15
CTRL4_C (13h) ............................................................... 53
9.16
CTRL5_C (14h) ............................................................... 54
9.17
CTRL6_C (15h) ............................................................... 55
9.18
CTRL7_G (16h)............................................................... 56
9.19
CTRL8_XL (17h) .............................................................. 57
9.20
CTRL9_XL (18h) .............................................................. 59
9.21
CTRL10_C (19h) .............................................................. 60
9.22
ALL_INT_SRC (1Ah) .......................................................... 60
9.23
WAKE_UP_SRC (1Bh)......................................................... 61
9.24
TAP_SRC (1Ch) .............................................................. 62
9.25
D6D_SRC (1Dh) .............................................................. 63
9.26
STATUS_REG (1Eh) / STATUS_SPIAux (1Eh) ..................................... 64
9.27
OUT_TEMP_L (20h), OUT_TEMP_H (21h)........................................ 65
9.28
OUTX_L_G (22h) and OUTX_H_G (23h) ......................................... 65
9.29
OUTY_L_G (24h) and OUTY_H_G (25h) ......................................... 66
9.30
OUTZ_L_G (26h) and OUTZ_H_G (27h).......................................... 66
9.31
OUTX_L_A (28h) and OUTX_H_A (29h) .......................................... 67
9.32
OUTY_L_A (2Ah) and OUTY_H_A (2Bh) ......................................... 67
9.33
OUTZ_L_A (2Ch) and OUTZ_H_A (2Dh) ......................................... 67
9.34
EMB_FUNC_STATUS_MAINPAGE (35h) ......................................... 68
9.35
FSM_STATUS_A_MAINPAGE (36h) ............................................. 69
9.36
FSM_STATUS_B_MAINPAGE (37h) ............................................. 70
9.37
STATUS_MASTER_MAINPAGE (39h) ............................................ 70
9.38
FIFO_STATUS1 (3Ah) ......................................................... 70
9.39
FIFO_STATUS2 (3Bh) ......................................................... 71
9.40
TIMESTAMP0 (40h), TIMESTAMP1 (41h), TIMESTAMP2 (42h), and TIMESTAMP3 (43h) 72
LSM6DSO
Contents
DS12140 - Rev 2
page 157/172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com