Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO Datasheet(PDF) 160 Page - STMicroelectronics

Part # LSM6DSO
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO Datasheet(HTML) 160 Page - STMicroelectronics

Back Button LSM6DSO Datasheet HTML 156Page - STMicroelectronics LSM6DSO Datasheet HTML 157Page - STMicroelectronics LSM6DSO Datasheet HTML 158Page - STMicroelectronics LSM6DSO Datasheet HTML 159Page - STMicroelectronics LSM6DSO Datasheet HTML 160Page - STMicroelectronics LSM6DSO Datasheet HTML 161Page - STMicroelectronics LSM6DSO Datasheet HTML 162Page - STMicroelectronics LSM6DSO Datasheet HTML 163Page - STMicroelectronics LSM6DSO Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 172 page
background image
11.36 FSM_OUTS16 (5Bh) .........................................................120
11.37 EMB_FUNC_ODR_CFG_B (5Fh) ...............................................121
11.38 STEP_COUNTER_L (62h) and STEP_COUNTER_H (63h) .........................121
11.39 EMB_FUNC_SRC (64h).......................................................122
11.40 EMB_FUNC_INIT_A (66h).....................................................122
11.41 EMB_FUNC_INIT_B (67h).....................................................123
12
Embedded advanced features pages ............................................ 124
13
Embedded advanced features register description .............................. 126
13.1
Page 0 - Embedded advanced features registers ..................................126
13.1.1
MAG_SENSITIVITY_L (BAh) and MAG_SENSITIVITY_H (BBh) .................. 126
13.1.2
MAG_OFFX_L (C0h) and MAG_OFFX_H (C1h)............................... 127
13.1.3
MAG_OFFY_L (C2h) and MAG_OFFY_H (C3h)............................... 127
13.1.4
MAG_OFFZ_L (C4h) and MAG_OFFZ_H (C5h) ............................... 128
13.1.5
MAG_SI_XX_L (C6h) and MAG_SI_XX_H (C7h) .............................. 128
13.1.6
MAG_SI_XY_L (C8h) and MAG_SI_XY_H (C9h) .............................. 129
13.1.7
MAG_SI_XZ_L (CAh) and MAG_SI_XZ_H (CBh) .............................. 129
13.1.8
MAG_SI_YY_L (CCh) and MAG_SI_YY_H (CDh) ............................. 130
13.1.9
MAG_SI_YZ_L (CEh) and MAG_SI_YZ_H (CFh) .............................. 130
13.1.10 MAG_SI_ZZ_L (D0h) and MAG_SI_ZZ_H (D1h) .............................. 131
13.1.11 MAG_CFG_A (D4h) .................................................... 132
13.1.12 MAG_CFG_B (D5h) .................................................... 132
13.2
Page 1 - Embedded advanced features registers ..................................133
13.2.1
FSM_LC_TIMEOUT_L (7Ah) and FSM_LC_TIMEOUT_H (7Bh)................... 133
13.2.2
FSM_PROGRAMS (7Ch) ................................................ 133
13.2.3
FSM_START_ADD_L (7Eh) and FSM_START_ADD_H (7Fh) .................... 134
13.2.4
PEDO_CMD_REG (83h)................................................. 134
13.2.5
PEDO_DEB_STEPS_CONF (84h) ......................................... 135
13.2.6
PEDO_SC_DELTAT_L (D0h) & PEDO_SC_DELTAT_H (D1h) .................... 135
14
Sensor hub register mapping ................................................... 136
15
Sensor hub register description................................................. 138
15.1
SENSOR_HUB_1 (02h) .......................................................138
LSM6DSO
Contents
DS12140 - Rev 2
page 160/172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com