Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO Datasheet(PDF) 161 Page - STMicroelectronics

Part # LSM6DSO
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO Datasheet(HTML) 161 Page - STMicroelectronics

Back Button LSM6DSO Datasheet HTML 157Page - STMicroelectronics LSM6DSO Datasheet HTML 158Page - STMicroelectronics LSM6DSO Datasheet HTML 159Page - STMicroelectronics LSM6DSO Datasheet HTML 160Page - STMicroelectronics LSM6DSO Datasheet HTML 161Page - STMicroelectronics LSM6DSO Datasheet HTML 162Page - STMicroelectronics LSM6DSO Datasheet HTML 163Page - STMicroelectronics LSM6DSO Datasheet HTML 164Page - STMicroelectronics LSM6DSO Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 172 page
background image
15.2
SENSOR_HUB_2 (03h) .......................................................138
15.3
SENSOR_HUB_3 (04h) .......................................................138
15.4
SENSOR_HUB_4 (05h) .......................................................139
15.5
SENSOR_HUB_5 (06h) .......................................................139
15.6
SENSOR_HUB_6 (07h) .......................................................139
15.7
SENSOR_HUB_7 (08h) .......................................................140
15.8
SENSOR_HUB_8 (09h) .......................................................140
15.9
SENSOR_HUB_9 (0Ah).......................................................140
15.10 SENSOR_HUB_10 (0Bh)......................................................141
15.11 SENSOR_HUB_11 (0Ch)......................................................141
15.12 SENSOR_HUB_12 (0Dh)......................................................141
15.13 SENSOR_HUB_13 (0Eh)......................................................142
15.14 SENSOR_HUB_14 (0Fh) ......................................................142
15.15 SENSOR_HUB_15 (10h) ......................................................142
15.16 SENSOR_HUB_16 (11h) ......................................................143
15.17 SENSOR_HUB_17 (12h) ......................................................143
15.18 SENSOR_HUB_18 (13h) ......................................................143
15.19 MASTER_CONFIG (14h) ......................................................144
15.20 SLV0_ADD (15h).............................................................144
15.21 SLV0_SUBADD (16h).........................................................144
15.22 SLAVE0_CONFIG (17h).......................................................145
15.23 SLV1_ADD (18h).............................................................145
15.24 SLV1_SUBADD (19h).........................................................145
15.25 SLAVE1_CONFIG (1Ah) ......................................................146
15.26 SLV2_ADD (1Bh) ............................................................146
15.27 SLV2_SUBADD (1Ch) ........................................................147
15.28 SLAVE2_CONFIG (1Dh) ......................................................147
15.29 SLV3_ADD (1Eh) ............................................................147
15.30 SLV3_SUBADD (1Fh).........................................................148
15.31 SLAVE3_CONFIG (20h).......................................................148
LSM6DSO
Contents
DS12140 - Rev 2
page 161/172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com