Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC081000LEVAL Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC081000LEVAL
Description  High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC081000LEVAL Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC081000LEVAL Datasheet HTML 1Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 2Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 3Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 4Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 5Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 6Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 7Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Pin Functions
Pin No.
Symbol
Equivalent Circuit
Description
7V
CMO
Common Mode Output voltage for V
IN+ and VIN- when
d.c. input coupling is used. See Section 3.0.
31
V
BG
Bandgap output voltage. This pin is capable of sourcing
or sinking up to 100 µA.
126
CalRun
Calibration Running indication. This pin is at a logic
high when calibration is running.
32
R
EXT
External Bias Resistor connection. The required value
is 3.3k-Ohms (±0.1%) to ground. See Section 1.1.
83
84
85
86
89
90
91
92
93
94
95
96
100
101
102
103
D7-
D7+
D6-
D6+
D5-
D5+
D4-
D4+
D3-
D3+
D2-
D2+
D1-
D1+
D0-
D0+
LVDS data output bits sampled second in time
sequence. These outputs should always be terminated
with a differential 100
Ω resistance.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com