Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC081000LEVAL Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC081000LEVAL
Description  High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC081000LEVAL Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC081000LEVAL Datasheet HTML 2Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 3Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 4Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 5Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 6Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 7Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 9Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Absolute Maximum Ratings
(Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
A,VDR)
2.2V
Voltage on Any Input Pin
−0.15V to
(V
A +0.15V)
Ground Difference
|GND - DR GND|
0V to 100 mV
Input Current at Any Pin (Note 3)
±25 mA
Package Input Current (Note 3)
±50 mA
Power Dissipation at T
A = 25˚C
2.0 W
ESD Susceptibility (Note 4)
Human Body Model
Machine Model
2500V
250V
Soldering Temperature, Infrared,
10 seconds (Note 5)
235˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Ambient Temperature Range
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage (V
A)
+1.8V to +2.0V
Driver Supply Voltage (V
DR)
+1.8V to V
A
Analog Input Common Mode
Voltage
1.2V to 1.3V
V
IN Differential Voltage Range
−V
FS/2 to +VFS/2
Ground Difference
(|GND - DR GND|)
0V
CLK Pins Voltage Range
0V to V
A
Differential CLK Amplitude
0.6V
P-P to 2.0VP-P
Package Thermal Resistances
Package
θ
J-C
(Top of
Package)
θ
J-PAD
(Thermal
Pad)
128-Lead Exposed Pad
LQFP
10˚C / W
2.8˚C / W
Converter Electrical Characteristics
The following specifications apply after calibration for V
A =VDR = +1.9VDC, OutV = 1.9V, VIN FSR (a.c. coupled) = differential
800mV
P-P,CL = 10 pF, Differential, a.c. coupled Sinewave Clock, fCLK = 1 GHz at 0.5VP-P with 50% duty cycle, REXT = 3300
Ω
± 0.1%, Analog Signal Source Impedance = 100
Ω. Boldface limits apply for T
A =TMIN to TMAX. All other limits TA = 25˚C,
unless otherwise stated. (Notes 6, 7)
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 8)
Units
(Limits)
STATIC CONVERTER CHARACTERISTICS
INL
Integral Non-Linearity
±0.35
±0.9
LSB (max)
DNL
Differential Non-Linearity
±0.25
±0.7
LSB (max)
Resolution with No Missing Codes
8
Bits
V
OFF
Offset Error
−0.45
−1.5
0.5
LSB (min)
LSB (max)
TC V
OFF
Offset Error Tempco
−40˚C to +85˚C
−3
ppm/˚C
PFSE
Positive Full-Scale Error (Note 9)
−2.2
±25
mV (max)
NFSE
Negative Full-Scale Error (Note 9)
−1.1
±25
mV (max)
TC PFSE
Positive Full Scale Error Tempco
−40˚C to +85˚C
20
ppm/˚C
TC NFSE
Negative Full Scale Error Tempco
−40˚C to +85˚C
13
ppm/˚C
Dynamic Converter Characteristics
FPBW
Full Power Bandwidth
1.7
GHz
Gain Flatness
d.c. to 500 MHz
±0.5
dBFS
d.c. to 1 GHz
±1.0
dBFS
ENOB
Effective Number of Bits
f
IN = 100 MHz, VIN = FSR − 0.5 dB
7.5
Bits
f
IN = 248 MHz, VIN = FSR − 0.5 dB
7.5
7.1
Bits (min)
f
IN = 498 MHz, VIN = FSR − 0.5 dB
7.5
7.1
Bits (min)
SINAD
Signal-to-Noise Plus Distortion
Ratio
f
IN = 100 MHz, VIN = FSR − 0.5 dB
47
dB
f
IN = 248 MHz, VIN = FSR − 0.5 dB
47
44.8
dB (min)
f
IN = 498 MHz, VIN = FSR − 0.5 dB
47
44.8
dB (min)
SNR
Signal-to-Noise Ratio
f
IN = 100 MHz, VIN = FSR − 0.5 dB
48
dB
f
IN = 248 MHz, VIN = FSR − 0.5 dB
48
45.5
dB (min)
f
IN = 498 MHz, VIN = FSR − 0.5 dB
48
45.5
dB (min)
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com