Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC081000LEVAL Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC081000LEVAL
Description  High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC081000LEVAL Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC081000LEVAL Datasheet HTML 9Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 10Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 11Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 12Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 13Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 14Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 15Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 16Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Typical Performance Characteristics
V
A =VDR = +1.9V, fCLK = 1 GHz (differential clock),
f
IN = 248 MHz, Differential Inputs, unless otherwise stated. Parameters shown across temperature were measured after reca-
libration at each temperature.
INL
INL vs. Temperature
20068117
20068118
INL vs. Supply Voltage
INL vs. Output Driver Voltage
20068119
20068120
INL vs. Sample Rate
DNL
20068121
20068122
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com