Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AW256M Datasheet(PDF) 11 Page - STMicroelectronics

Part # M68AW256M
Description  4 Mbit (256K x16) 3.0V Asynchronous SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW256M Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M68AW256M Datasheet HTML 7Page - STMicroelectronics M68AW256M Datasheet HTML 8Page - STMicroelectronics M68AW256M Datasheet HTML 9Page - STMicroelectronics M68AW256M Datasheet HTML 10Page - STMicroelectronics M68AW256M Datasheet HTML 11Page - STMicroelectronics M68AW256M Datasheet HTML 12Page - STMicroelectronics M68AW256M Datasheet HTML 13Page - STMicroelectronics M68AW256M Datasheet HTML 14Page - STMicroelectronics M68AW256M Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11/23
M68AW256M
Table 5. Capacitance
Note: 1. Sampled only, not 100% tested.
2. At TA = 25°C, f = 1 MHz, VCC = 3.0V.
Table 6. DC Characteristics
Note: 1. Average AC current, cycling at tAVAV minimum.
2. E = VIL, LB OR/AND UB = VIL, VIN = VIL OR VIH.
3. E
≤ 0.2V, LB OR/AND UB ≤ 0.2V, VIN ≤ 0.2V OR VIN ≥ VCC –0.2V.
4. Output disabled.
Figure 8. Address Controlled, Read Mode AC Waveforms
Note: E = Low, G = Low, W = High, UB = Low and/or LB = Low.
Symbol
Parameter(1,2)
Test
Condition
Min
Max
Unit
CIN
Input Capacitance on all pins (except DQ)
VIN = 0V
8pF
COUT
Output Capacitance
VOUT = 0V
10
pF
Symbol
Parameter
Test Condition
-L
-N
Unit
Min
Max
Min
Max
ICC1
(1,2)
Operating Supply Current
VCC = 3.6V, f = 1/tAVAV,
IOUT = 0mA
70ns
20
10
mA
55ns
26
15
mA
ICC2
(3)
Operating Supply Current
VCC = 3.6V, f = 1MHz,
IOUT = 0mA
22
mA
ISB
Standby Supply Current
CMOS
VCC = 3.6V, f = 0,
E
≥ VCC –0.2V or
LB=UB
≥ VCC –0.2V
20
20
µA
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
–1
1–11
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC (4)
–1
1–11
µA
VIH
Input High Voltage
2.2
VCC + 0.3
2.2
VCC + 0.3
V
VIL
Input Low Voltage
–0.3
0.6
–
0.3
0.6
V
VOH
Output High Voltage
IOH = –1.0mA
2.4
2.4
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
0.4
V
AI03956b
tAVAV
tAVQV
tAXQX
A0-A17
DQ0-DQ7 and/or DQ8-DQ15
VALID
DATA VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com