Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AW256M Datasheet(PDF) 13 Page - STMicroelectronics

Part # M68AW256M
Description  4 Mbit (256K x16) 3.0V Asynchronous SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW256M Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M68AW256M Datasheet HTML 9Page - STMicroelectronics M68AW256M Datasheet HTML 10Page - STMicroelectronics M68AW256M Datasheet HTML 11Page - STMicroelectronics M68AW256M Datasheet HTML 12Page - STMicroelectronics M68AW256M Datasheet HTML 13Page - STMicroelectronics M68AW256M Datasheet HTML 14Page - STMicroelectronics M68AW256M Datasheet HTML 15Page - STMicroelectronics M68AW256M Datasheet HTML 16Page - STMicroelectronics M68AW256M Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13/23
M68AW256M
Table 7. Read and Standby Mode AC Characteristics
Note: 1. Test conditions assume transition timing reference level = 0.3VCC or 0.7VCC.
2. At any given temperature and voltage condition, tGHQZ is less than tGLQX, tBHQZ is less than tBLQX and tEHQZ is less than tELQX for
any given device.
3. These parameters are defined as the time at which the outputs achieve the open circuit conditions and are not referenced to output
voltage levels.
4. Tested initially and after any design or process changes that may affect these parameters.
Symbol
Parameter
M68AW256M
Unit
55
70
tAVAV
Read Cycle Time
Min
55
70
ns
tAVQV
Address Valid to Output Valid
Max
55
70
ns
tAXQX
(1)
Data hold from address change
Min
5
5
ns
tBHQZ
(2,3)
Upper/Lower Byte Enable High to Output Hi-Z
Max
20
25
ns
tBLQV
Upper/Lower Byte Enable Low to Output Valid
Max
55
70
ns
tBLQX
(1)
Upper/Lower Byte Enable Low to Output Transition
Min
5
5
ns
tEHQZ
(2,3)
Chip Enable High to Output Hi-Z
Max
20
25
ns
tELQV
Chip Enable Low to Output Valid
Max
55
70
ns
tELQX
(1)
Chip Enable Low to Output Transition
Min
5
5
ns
tGHQZ
(2,3)
Output Enable High to Output Hi-Z
Max
20
25
ns
tGLQV
Output Enable Low to Output Valid
Max
25
35
ns
tGLQX
(2)
Output Enable Low to Output Transition
Min
5
5
ns
tPD
(4)
Chip Enable or UB/LB High to Power Down
Max
0
0
ns
tPU
(4)
Chip Enable or UB/LB Low to Power Up
Min
55
70
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com